PART |
Description |
Maker |
03-RA11CA1100 |
Silver Alloy over Copper
|
E-SWITCH
|
03-RA114A1100 |
Silver Alloy over Copper
|
E-SWITCH
|
19098-0050 19098-0047 19098-0070 19098-0081 19099- |
SNAP SPADE KRIMPTITE TAPED (BB-1717-10T) 2 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE (BB-1716-08) 2 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE TAPED (C-1710-06T) 5 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE TAPED (AA-1715-10T) 0.8 mm2, COPPER ALLOY, FORK TERMINAL 190990051 5 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #8 10-12AWG 5 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE INSULKRIMP TAPED (AA-2704-05X 0.8 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #6 18-22AWG 0.8 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #10 18-22AWG 0.8 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE AVIKRIMP TAPED (AA-8714-08T) 0.8 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE AVIKRIMP TAPED (BB-8193-06T) 2 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #6 14-16AWG 2 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE INSULKRIMP (AA-2714-08X) 0.8 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE AVIKRIMP TAPED (C-8718-08T) 5 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE (BB-1707-05) 2 mm2, COPPER ALLOY, FORK TERMINAL
|
Molex, Inc. MOLEX INC
|
0936010187 |
GWconnect Turned Crimp Contact for 16A Inserts and Modules, Male, Silver (Ag) Plated Copper Alloy, 1.50mm2 (16 AWG), 100 per Bag
|
Molex Electronics Ltd.
|
100-041-14N5A 100-041-13T5A 100-041-14T5A 100-041- |
Tapered Tubular Metal Braid Nickel/Copper, Silver/Copper or Tin/Copper for Series 72 & 74 Tubing and Series 75 Conduit
|
Glenair, Inc.
|
P22-4R-C P10-10RHT6-L |
Ring Tongue Solderless Terminal; Wire Size (AWG):26-22; Stud Size:#4; Pack Quantity:100 COPPER ALLOY, TIN FINISH, RING TERMINAL #12- #10 Barrel Non-Insulated Ring, Stud size #10, length-0.81", width-0.38, diameter-0.22", Temp rating max 150C, Material-Thick copper tin plated UL listed CSA certified COPPER ALLOY, NICKEL FINISH, RING TERMINAL
|
Panduit, Corp.
|
AAT9123 AAT9123IAS-B1 AAT9123IAS-T1 |
SOCKET, 20WAY; Connector type:Rectangular; Gender:Socket; Ways, No. of:20; Termination method:Solder; Material, contact:Copper Alloy; Plating, contact:Silver; Connector insert type:Female; Contact style:Socket; Colour:Green; RoHS Compliant: Yes 30V N-Channel Power MOSFET
|
Advanced Analogic Technologies, Inc. ANALOGICTECH[Advanced Analogic Technologies]
|
CFR300M10 CFR150M10 CFR70M10 |
300 mm2, ALUMINUM COPPER ALLOY, WIRE TERMINAL 150 mm2, ALUMINUM COPPER ALLOY, WIRE TERMINAL 70 mm2, ALUMINUM COPPER ALLOY, WIRE TERMINAL
|
|
0038-3-17-15-32-02-02-0 0039-2-17-15-32-27-02-0 00 |
BERYLLIUM COPPER ALLOY, TIN LEAD FINISH, PCB TERMINAL BERYLLIUM COPPER ALLOY, GOLD FINISH, PCB TERMINAL
|
MILL-MAX MFG CORP
|
TU325-11 JSTMFGCOLTD-TU325A-12 TU200-12 TU200A-12 |
325 mm2, COPPER ALLOY, WIRE TERMINAL 242.27 mm2, COPPER ALLOY, WIRE TERMINAL
|
J S T MFG CO LTD
|
0814-0-15-15-34-27-10-0 0814-0-15-01-34-01-10-0 |
BERYLLIUM COPPER ALLOY, GOLD (30) OVER NICKEL FINISH, PCB TERMINAL BERYLLIUM COPPER ALLOY, TIN LEAD (200) OVER NICKEL FINISH, PCB TERMINAL
|
MILL-MAX MFG CORP
|
|