PART |
Description |
Maker |
MBRS540T3 MBRS540T3G |
SCHOTTKY BARRIER RECTIFIER 5.0 AMPERES 40 VOLTS 5 A, 40 V, SILICON, RECTIFIER DIODE 5A 40V Schottky rectifier in SMC
|
ONSEMI[ON Semiconductor]
|
MBRS230LT305 MBRS230LT3G |
2A 30V Low Vf Schottky Rectifier; Package: SMB; No of Pins: 2; Container: Tape and Reel; Qty per Container: 2500 2 A, 30 V, SILICON, RECTIFIER DIODE Surface Mount Schottky Power Rectifier
|
ON Semiconductor
|
72CPQ030 |
SCHOTTKY RECTIFIER SCHOTTKY RECTIFIER 70 Amp 30V 70A Schottky Common Cathode Diode in a TO-247AC package
|
IRF[International Rectifier]
|
40CTQ045 40TCQ045S 40CTQ045-1 40CTQ045S 40TCQ035-1 |
SCHOTTKY RECTIFIER SCHOTTKY RECTIFIER 40 Amp 45V 40A Schottky Common Cathode Diode in a TO-262 package
|
IRF[International Rectifier]
|
B120B10 B1XX-13-F B1XXB-13-F B150-13-F B140-13-F B |
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER RECTIFIER SCHOTTKY SINGLE 1A 50V 30A-Ifsm 0.7Vf 0.5A-IR SMA 5K/REEL 1 A, 50 V, SILICON, SIGNAL DIODE
|
Diodes Incorporated http:// Diodes, Inc.
|
MBR230LSFT1 MBR230LSFT1G |
Surface Mount Schottky Power Rectifier SCHOTTKY BARRIER RECTIFIER 2.0 AMPERES, 30 VOLTS
|
ON Semiconductor
|
OM4201ST OM4201SR |
HERMETIC TO-257AA DUAL POWER SCHOTTKY RECTIFIER 20A 45V Hi-Rel Schottky Common Cathode Diode in a D2 package 16 Amp, 45 Volt Rating Center-Tap Rectifier
|
ETC[ETC] List of Unclassifed Manufacturers
|
MBRD1035CTL MBRD1035CTLT4 MBRD1035CTLT4G |
10A 35V Schottky Rectifier SWITCHMODE Schottky Power Rectifier
|
ON Semiconductor
|
MBRA130LT3 MBRA130LT3G |
1A 30V Schottky Rectifier SURFACE MOUNT SCHOTTKY POWER RECTIFIER
|
ONSEMI[ON Semiconductor]
|
SMBSR106 SMB5817 SMB5819 SMB5818 SMBSR108 |
(SMBSR105 - SMBSR1010) 1A Schottky Rectifier (SMB5817 - SMB5819) 1A Schottky Rectifier
|
Microsemi
|
WP05R WP05R24D05 WP05R24D12 WP05R24D15 WP05R24S03 |
5 Watt Regulated Small Package DC/DC Converter 5 WATT UNREGULATED SMALL PACKAGE DC/DC CONVERTER RECTIFIER SCHOTTKY SINGLE 1A 20V 22A-Ifsm 0.36Vf 1A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 2A 30V 33A-Ifsm 0.42Vf 1A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 2A 20V 40A-Ifsm 0.42Vf 1A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 2A 30V 75A-Ifsm 0.45Vf 0.2A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 1A 40V 50A-Ifsm 0.55Vf 0.5A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 1A 60V 50A-Ifsm 0.5Vf 0.1A-IR PowerDI-123 3K/REEL
|
CANDD[C&D Technologies]
|
SD1060YT SD1040YT SD1080YT SD10100YT SD1020YT SD10 |
SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 10.0 Amperes) (SD1020YT - SD10100YT) SCHOTTKY BARRIER RECTIFIER
|
Pan Jit International I... Panjit International Inc PANJIT[Pan Jit International Inc.]
|