PART |
Description |
Maker |
38770-0407 38770-0207 38770-0607 38770-0420 38770- |
CB BTS ET 7 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS BRS 7 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS ONESCR 7 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS ET 20 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS STD 28 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS ONESCR 10 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS STD 9 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS BRS 18 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS STD 18 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:3; Pitch Spacing:0.375"; Wire Size (AWG):24-12; Mounting Type:Screw; Body Material:Glass-Filled Thermoplastic; Current Rating:20A; Number of Rows:2 Terminal Block; No. of Positions:4; Pitch Spacing:0.375"; Wire Size (AWG):24-12; Mounting Type:Screw; Current Rating:20A; No. of Rows:2; Terminal Block Clamp Type:Barrier Terminal Block; Voltage Rating:150V RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
25.352.4353.0 25.350.4153.0 99.213.9996.2 25.352.3 |
Terminal Block; Mounting Type:PC Board; Terminal Block Clamp Type:Screw Clamp 12 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Strip; No. of Positions:5; Pitch Spacing:0.2"; Mounting Type:PC Board; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes PCB PIN STRIP 8213 S / 12 W OB GR OF RoHS Compliant: Yes
|
Wieland Electric, Inc. WIELAND ELECTRIC INC
|
1-1546018-0 2-1546018-0 2-1546018-2 2-1546018-1 2- |
TERMINAL BLOCK PLUG 90/180 DEGREE 5.0mm PITCH BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Tyco Electronics
|
2-1546211-0 1-1546211-0 2-1546211-5 |
STRIP TERMINAL BLOCK, 1 ROW, 1 DECK TERMINAL BLOCK HEADER ASSEMBLY, 180 DEGREE , CLOSED ENDS, 5.00mm PITCH
|
Tyco Electronics
|
TBH202B TBA401B TBA1301M TBC1301M TDB37 TDA15 TBD2 |
20 A, BARRIER STRIP TERMINAL BLOCK, 2 DECKS 10 A, BARRIER STRIP TERMINAL BLOCK, 1 DECK 20 A, BARRIER STRIP TERMINAL BLOCK, 1 DECK
|
|
MS-7-141 MS-13-141 |
BARRIER BLK MARKER STRIP 13POS 20 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Connector: Terminal Blocks Connector: PL: 7: 11.13: SOL
|
Cinch Connectors Ltd
|
890805-10A |
STRIP TERMINAL BLOCK
|
BEAU INTERCONNECT
|
1688480000 1688440000 1688430000 1688450000 168849 |
STRIP TERMINAL BLOCK
|
Weidmuller, Corp.
|
25.820.3353.0 25.820.3253.0 25.820.3653.0 |
Terminal Block; No. of Positions:3; Pitch Spacing:0.197"; Wire Size (AWG):22-12; Mounting Type:PC Board RoHS Compliant: Yes 12 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:2; Pitch Spacing:0.197"; Wire Size (AWG):22-12; Mounting Type:PC Board RoHS Compliant: Yes 12 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:6; Pitch Spacing:0.197"; Wire Size (AWG):22-12; Mounting Type:PC Board RoHS Compliant: Yes 12 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Wieland Electric, Inc.
|
72102-E 72814-C |
BARRIER STRIP TERMINAL BLOCK
|
BEAU INTERCONNECT
|
14006-59 14006-50 14006-45-56 14006-66 14115-61 14 |
BARRIER STRIP TERMINAL BLOCK
|
BEAU INTERCONNECT
|
|