PART |
Description |
Maker |
SSM3J02T |
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type Field Effect Transistor Silicon P Channel MOS Type Power Management Switch High Speed Switching Applications
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
STD4525NL STU4525NL |
N-Channel Enhancement Mode Field Effect Transistor Dual N-Channel E nhancement Mode Field Effect Transistor
|
SamHop Microelectronics
|
SSM3K02F |
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type 东芝场效应晶体管频道马鞍山类 Field Effect Transistor Silicon N Channel MOS Type High Speed Switching Applications
|
Toshiba Corporation Toshiba, Corp. Toshiba Semiconductor
|
2SJ620 |
Field Effect Transistor Silicon P Channel MOS Type (L2-PI-MOSV) Switching Regulator and DC-DC Converter Applications Motor Drive Applications TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (L2-ヰ-MOSV) TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (L2--MOSV)
|
TOSHIBA[Toshiba Semiconductor]
|
PTF10154 |
85 Watts/ 1.93-1.99 GHz GOLDMOS Field Effect Transistor 85 Watts, 1.93-1.99 GHz GOLDMOS Field Effect Transistor 85瓦,1.93-1.99 GHz的GOLDMOS场效应晶体管 85 Watts 1.93-1.99 GHz GOLDMOS Field Effect Transistor
|
ERICSSON[Ericsson]
|
NDH8320C |
Dual N & P-Channel Enhancement Mode Field Effect Transistor(双N沟道和P沟道增强型场效应N沟道:漏电流3A, 漏源电压20V,导通电.06Ω;P沟道:漏电流-2A, 漏源电压-20V,导通电.13Ω 3000 mA, 20 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET Dual N & P-Channel Enhancement Mode Field Effect Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
2SK3236 |
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS) From old datasheet system Field Effect Transistor Silicon N Channel MOS Type (U-MOSII) Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
|
Toshiba Semiconductor Hitachi Semiconductor
|
STS2306 |
N-Channel Enhancement Mode Field Effect Transistor N-Channel E nhancement Mode Field Effect Transistor
|
SamHop Microelectronics Corp.
|
TPC8104-H |
Field Effect Transistor Silicon P Channel MOS Type (High Speed U-MOSII) High Speed and High Efficiency DC .DC Converters Lithium Ion Battery Applications Notebook PCs Portable Equipment Applications TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (High Speed U−MOSII) TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (High Speed U-MOSII)
|
Toshiba Corporation Toshiba Semiconductor
|
2SK3442 |
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII) From old datasheet system Field Effect Transistor Silicon N Channel MOS Type (U-MOSII) Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
TPCS8211 |
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII) Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII) Lithium Ion Battery Applications Notebook PC Applications Portable Machines and Tools
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|