PART |
Description |
Maker |
SA605N NE605 NE605D NE605DK NE605N SA605 SA605D SA |
HIGH PERFORMANCE LOW POWER MIXER FM IF SYSTEM 1-BAND, AUDIO TUNER, PDSO20
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
AT-31011 AT-31011-BLK AT-31011-TR1 AT-31033 AT-310 |
TERM BLOCK HDR 5.08MM 3POS PCB Low Current/ High Performance NPN Silicon Bipolar Transistor Low Current High Performance NPN Silicon Bipolar Transistor Low Current, High Performance NPN Silicon Bipolar Transistor
|
HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
RC5534N RM5534A RC5534 RC5534A RC5534AN |
High Performance Low Noise Operational Amplifier High Performance Low Nosic Operational Amplifier 电压反馈运算放大
|
Fairchild Semiconductor
|
3SK263-5-TG-E EN4423C 3SK26312 EN4423 |
N-Channnel Dual Gate MOSFET, 15V, 30mA, PG=21dB, NF=1.1dB, CP4 FM Tuner, VHF Tuner, High-Frequency Amplifi er Applications
|
ON Semiconductor Sanyo Semicon Device
|
HA1-5114_883 HA1-5114883 HA4-5114883 HA-5114883 FN |
Dual and Quad/ 8MHz and 60MHz/ Low Noise Operational Amplifiers SPACER,LED,T1-3/4,HEIGHT .130 EXPANDER From old datasheet system Quad/ Low Noise/ High Performance Uncompensated Operational Amplifier Quad, Low Noise, High Performance Uncompensated Operational Amplifier
|
INTERSIL[Intersil Corporation]
|
AD8014 AD8014ACHIPS AD8014AR AD8014ART AD8014ART-R |
400 MHz Low Power High Performance Amplifier OP-AMP, 6000 uV OFFSET-MAX, PDSO5 400 MHz, Low Power, High Performance Amplifier
|
Analog Devices, Inc. AD[Analog Devices]
|
ATF22V10C ATF22V10C-10JC ATF22V10C-10JI ATF22V10C- |
High Performance E2 PLD FLASH PLD, 10 ns, PDIP24 Quad Flow through Driver FLASH PLD, 10 ns, PDSO24 High Performance E2 PLD FLASH PLD, 5 ns, PQCC28 High Performance E2 PLD E2类高性能可编程逻辑器件 High Performance E2 PLD FLASH PLD, 7.5 ns, PQCC28 LVDS Dual 2x2 Bi-Directional Crosspoint/Repeater
|
ATM Electronic, Corp. Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
MN1554 MN1552 MN1500 MN1550 MN1551 |
(MN1550 Series) High Performance Low Power CMOS 4 Bit Single Chip Microcontroller High-Performance Low Power CMOS 4-Bit Single-Chip Microcomputer
|
Panasonic Semiconductor
|
HLMP-UL07 HLMP-UL14 HLMP-UG06 HLMP-UH06 HLMP-DL08 |
T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps High-Speed Fully Differential Amplifier, /-5 V 8-MSOP-PowerPAD -40 to 85 High-Speed Fully Differential Amplifier, /-5 V 8-MSOP -40 to 85 Super-Fast Ultra-Low Distortion High Speed Amplifier 8-SON -40 to 85 Super-Fast Ultra-Low Distortion High Speed Amplifier 8-SOIC -40 to 85 High-Speed Fully-Differential Amplifiers 8-SOIC 0 to 70 Super-Fast Ultra-Low Distortion High Speed Amplifier with Shutdown 8-MSOP -40 to 85 Super-Fast Ultra-Low Distortion High Speed Amplifier 8-MSOP -40 to 85 Super-Fast Ultra-Low Distortion High Speed Amplifier 8-MSOP-PowerPAD -40 to 85 Aluminum Electrolytic Radial Lead Extremely Low Impedance Capacitor; Capacitance: 470uF; Voltage: 35V; Case Size: 10x31.5 mm; Packaging: Bulk Super-Fast Ultra-Low Distortion High Speed Amplifier with Shutdown 8-SOIC -40 to 85
|
http:// Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
BXA40-48SS2V9SM-SM BXA40-48S3V3SM-SM BXA40-24S3V3S |
Low voltage CMOS 16-bit bus transceiver with 5V tolerant inputs and output (3-state) Low volt. CMOS octal bus transceiver/register with 5 volt tolerant inputs and outputs (3-state) Octal D-type flip-flop high performance Low voltage CMOS quad 2-input OR gate high performance Low voltage CMOS dual D-type flip flop with 5 V tolerant inputs Low voltage CMOS quad exclusive OR gate high performance 模拟IC Analog IC 模拟IC Octal D-type latch non-inverting (3-state) with 5V tolerant inputs and outputs 模拟IC
|
Electronic Theatre Controls, Inc. Amphenol, Corp.
|
ISL78302ARBFZ ISL78302ARBNZ ISL78302ARCWZ ISL78302 |
Dual LDO with Low Noise, High Performance and Low IQ
|
Intersil Corporation
|