PART |
Description |
Maker |
STU6N65K3 STF6N65K3 STFI6N65K3 |
N-channel 650 V, 1.1 Ohm typ., 5.4 A SuperMESH3(TM) Power MOSFET in I2PAKFP package N-channel 650 V, 1.1 ohm typ., 5.4 A SuperMESH3 Power MOSFET in TO-220FP, I PAKFP, IPAK N-channel 650 V, 1.1 Ohm typ., 5.4 A SuperMESH3(TM) Power MOSFET in TO-220FP package
|
STMicroelectronics ST Microelectronics
|
STB42N65M5 STF42N65M5 STI42N65M5 STP42N65M5 CD0022 |
High dv/dt capability N-channel 650 V, 0.070 Ω, 33 A MDmesh?V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247 N-channel 650 V, 0.070 Ω, 33 A MDmesh V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247 N-channel 650 V, 0.070 ohm, 33 A MDmesh V Power MOSFET N-channel 650 V, 0.070 Ohm, 33 A MDmesh(TM) V Power MOSFET in I2PAK
|
STMicroelectronics ST Microelectronics
|
STW57N65M5 STI57N65M5 STP57N65M5 STB57N65M5 |
N-channel 650 V, 0.056 Ohm typ., 42 A MDmesh(TM) V Power MOSFET in D2PAK package N-channel 650 V, 0.056 typ., 42 A MDmesh V Power MOSFET N-channel 650 V, 0.056 Ω typ., 42 A MDmesh V Power MOSFET in I2PAK, TO-220, TO-220FP and D2PAK packages
|
ST Microelectronics STMicroelectronics
|
2SK4101FS |
6.4 A, 650 V, 1.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
SANYO SEMICONDUCTOR CO LTD
|
STW32N65M5 |
24 A, 650 V, 0.119 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247
|
STMICROELECTRONICS
|
STP45N65M5 STW45N65M5 STB45N65M5 STF45N65M5 |
N-channel 650 V, 0.067 ohm typ., 35 A MDmesh V Power MOSFET N-channel 650 V, 0.067 typ., 35 A MDmesh V Power MOSFET in D2PAK, TO-220FP and TO-220 packages
|
STMicroelectronics
|
STI30N65M5 STW30N65M5 STB30N65M5 STP30N65M5 STF30N |
N-channel 650 V, 0.125 Ohm, 22 A, MDmesh(TM) V Power MOSFET TO-247 N-channel 650 V, 0.125 Ω, 22 A, MDmesh V Power MOSFET D2PAK, TO-220FP, I2PAK, TO-220, TO-247
|
ST Microelectronics STMicroelectronics
|
STL34N65M5 |
N-channel 650 V, 0.99 Ohm typ., 22.5 A, MDmesh(TM) V Power MOSFET in a PowerFLAT 8x8 HV
|
ST Microelectronics
|
STL42N65M5 |
N-channel 650 V, 0.070 Ohm typ., 22.5 A MDmesh(TM) V Power MOSFET in a PowerFLAT(TM) 8x8 HV package
|
ST Microelectronics
|
PJF10N65 PJP10N65 |
650V N-Channel Enhancement Mode MOSFET 10 A, 650 V, 1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Pan Jit International Inc.
|
STI32N65M5 STB32N65M5 STF32N65M5 STW32N65M5 |
N-channel 650 V, 0.095 Ohm, 24 A, MDmesh(TM) V Power MOSFET in I2PAK N-channel 650 V, 0.095 Ω, 24 A, MDmesh?/a> V Power MOSFET in D2PAK, I2PAK, TO-220FP, TO-220, TO-247 N-channel 650 V, 0.095 Ω, 24 A, MDmesh V Power MOSFET in D2PAK, I2PAK, TO-220FP, TO-220, TO-247
|
ST Microelectronics STMicroelectronics
|
|