PART |
Description |
Maker |
B41607_1 B41607 B41607A0118M002 B41607A0158M002 B4 |
Snap-In Capacitors Automotive Up to 150
|
http:// EPCOS[EPCOS]
|
IRFR3710Z IRFU3710Z |
100V Single N-Channel Automotive HEXFET Power MOSFET in a I-Pak package AUTOMOTIVE MOSFET Specifically designed for Automotive applications, this HEXFET Power MOSFET utilizes the latest processing techniques to achieve extremely low on-resi
|
IRF[International Rectifier]
|
CM150DY-24H |
Dual IGBTMOD 150 Amperes/1200 Volts 150 A, 1200 V, N-CHANNEL IGBT
|
Powerex Power Semicondu... Powerex Power Semiconductors Powerex, Inc.
|
CM150DY-12H |
Dual IGBTMOD 150 Amperes/600 Volts 150 A, 600 V, N-CHANNEL IGBT
|
Powerex Power Semicondu... Powerex Power Semiconductors Powerex, Inc.
|
SUM23N15-73 |
N-Channel 150-V (D-S) 175C MOSFET N-Channel 150-V (D-S) 175 C MOSFET
|
VISAY[Vishay Siliconix]
|
IRF610-613 IRF613 IRF611 IRF612 MPT2N18 MPT2N20 IR |
SPST, 150mA PC Mount Pushbutton N沟道功率MOSFET.5A的,15000 N-Channel Power MOSFETs, 3.5A, 150-200V N沟道功率MOSFET.5A的,15000 N-Channel Power MOSFETs/ 3.5A/ 150-200V N-Channel Power MOSFETs 3.5A 150-200V
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
FMC5 FMG9 FMJ1 FMQ1 |
P-Channel NexFET™ Power MOSFET 6-DSBGA -55 to 150 N-Channel NexFET™ Power MOSFET 8-SON -55 to 150 TRANSISTOR | 20V V(BR)CEO | 30MA I(C) | SOT-25 Digital Media Processor 529-FCBGA 0 to 90 晶体管| 50V五(巴西)总裁| 100mA的一(c)|采用SOT - 25
|
飞思卡尔半导体(中国)有限公司
|
IRF9643-001PBF IRF9643-003PBF IRF9643-005PBF IRF96 |
9 A, 150 V, 0.7 ohm, P-CHANNEL, Si, POWER, MOSFET 8.7 A, 350 V, 0.8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AC 1.75 A, 150 V, 3 ohm, P-CHANNEL, Si, POWER, MOSFET 1.75 A, 200 V, 3 ohm, P-CHANNEL, Si, POWER, MOSFET 27 A, 100 V, 0.099 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AC 3 A, 100 V, 1.2 ohm, P-CHANNEL, Si, POWER, MOSFET 3 A, 150 V, 2.4 ohm, P-CHANNEL, Si, POWER, MOSFET 2.5 A, 100 V, 1.6 ohm, P-CHANNEL, Si, POWER, MOSFET 3.5 A, 150 V, 1.5 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-220AB 11 A, 350 V, 0.55 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AC
|
VISHAY INTERTECHNOLOGY INC
|
MBRF20H150CTG MBR20H150CTG |
20 A,150 V H-Series Dual Schottky Rectifier 10 A, 150 V, SILICON, RECTIFIER DIODE, TO-220AB SWITCHMODE?/a> Power Rectifier 150 V, 20 A SWITCHMODE Power Rectifier 150 V, 20 A SWITCHMODE垄芒 Power Rectifier 150 V, 20 A
|
ON Semiconductor
|
C0603C151J1GACAUTO |
SMD Auto C0G, Ceramic, 150 pF, 5%, 100 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0603
|
Kemet Corporation
|
HAT2035R HAT2035R-EL-E |
0.5 A, 150 V, 5.5 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Silicon N Channel Power MOS FET High Speed Power Switching
|
Renesas Electronics Corporation
|
HUFA75823D3S HUFA75823D3 HUFA75823D3ST |
14A, 150V, 0.150 Ohm, N-Channel, UltraFETPower MOSFET 14A 150V 0.150 Ohm N-Channel UltraFET Power MOSFET 14A, 150V, 0.150 Ohm, N-Channel, UltraFET Power MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
|