PART |
Description |
Maker |
PLCC6W3 |
Emitting Color White Lens Type Yellow Diffused
|
HB Electronic Components
|
LEDW47-66-60-120 |
Flat Lens Type White Color Light Illuminato
|
List of Unclassifed Manufacturers ETC[ETC]
|
AP1501A AP1501A-12 AP1501A-12K5 AP1501A-12K5A AP15 |
Adj, 150 Khz, 5 A PWM buck DC/DC converter 150Khz, 5A PWM Buck DC/DC Converter IR Emitting Diode; Mounting Type:Through Hole; LED Color:Clear; Leaded Process Compatible:Yes; Terminal Type:2 Pin Leaded; Color:Clear; Lens Style:(H x Dia) 8.7 x 5.8 mm; Voltage Rating:5V IR Emitting Diode; LED Color:Infrared; Mounting Type:Through Hole; Terminal Type:3 Pin Leaded; Color:Infrared; Lens Style:(H x Dia) 12.5 x 10.0 mm; Voltage Rating:5.5V Leaded Process Compatible: Yes IR Emitting Diode; Mounting Type:Through Hole; LED Color:Blue Gray; Leaded Process Compatible:Yes; Terminal Type:2 Pin Leaded; Color:Blue Gray; Lens Style:(H x W) 8.7 x 5.8 mm; Voltage Rating:5V MOSFET, P, SOT-23; Transistor type:MOSFET; Current, Id cont:0.185A; Resistance, Rds on:6R; Voltage, Vgs Rds on measurement:10V; Case style:SOT-23 (TO-236); Current, Id max:0.185A; Current, Idm pulse:.8A; Marking, SMD:6K; Pins, No. RoHS Compliant: Yes MOSFET, P SOT-23MOSFET, P SOT-23; Transistor type:MOSFET; Transistor polarity:P; Voltage, Vds max:20V; Case style:SOT-23; Current, Id cont:0.58A; Current, Idm pulse:2A; Power, Pd:0.35W; Resistance, Rds on:0.65R; SMD:1; Current, Id MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-30V; Continuous Drain Current, Id:-385mA; On-Resistance, Rds(on):1.4ohm; Rds(on) Test Voltage, Vgs:-10V; Package/Case:TO-236; Drain Source On Resistance @ 10V:1.4ohm IR Emitting Diode; Mounting Type:Through Hole; LED Color:Infrared; Leaded Process Compatible:Yes; Terminal Type:2 Pin Leaded; Color:Infrared; Lens Style:(H x W) 8.7 x 5.8 mm; Voltage Rating:5V TRANSISTOR,MOSFET,P-CHANNEL,60V V(BR)DSS,270MA I(D),TO-226AA RoHS Compliant: Yes IR EMITTER; Wavelength, typ:950nm; Current, forward If:5mA; Angle, viewing:90(degree); Temperature, operating range:-25(degree C) to (degree C) RoHS Compliant: Yes MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-20V; Continuous Drain Current, Id:-580mA; On-Resistance, Rds(on):650mohm; Rds(on) Test Voltage, Vgs:-4.5V; Package/Case:SOT-23
|
ANACHIP[Anachip Corp]
|
BL-HZD39A-TRB |
SINGLE COLOR LED, WHITE White Mono-color type Suitable for all SMT assembly methods. 白单色所有类型的SMT组装的方法适用
|
American Bright Optoelectronics, Corp. Bright LED Electronics Corp. Bright LED Electronics, Corp.
|
VFHV1104P-4C62B-TR |
1608 Size, water clear lens, Emitting color : Red
|
STANLEY ELECTRIC CO.,LT...
|
APTB1615SRQGWPR |
1.6 x 1.5 mm bi-color SMD chip LED lamp. Super bright red (peak wavelength 660 nm), green (peak wavelength 560 nm). Lens type white diffused.
|
Kingbright Electronic
|
APTB1615SRPGWPR |
1.6 x 1.5 mm bi-color SMD chip LED lamp. Super bright red (peak wavelength 660 nm), pure green (peak wavelength 555 nm). Lens type white diffused.
|
Kingbright Electronic
|
AA3528F3C AA3528F4C |
In ra-red emitting diode. Lens type water clear.
|
Kingbright Electronic
|
KLB-0315W |
Light Emitting Diode(White Color)
|
KODENSHI KOREA CORP.
|
SSL-LX5099IGW-02 |
T-5mm LED, RED/GREEN BI-COLOR MILKY WHITE DIFFUSED LENS
|
LUMEX INC.
|
SECU1403C-S SECU1403C-TG SECU1703C SEC100308 SEC14 |
3.0 ? 1.5 Surface Mount LEDs (Inner Lens Type) 3.0 × 1.5 Surface Mount LEDs (Inner Lens Type) 3x1.5 Surface Mount LED (Inner Lens) SINGLE COLOR LED, DEEP GREEN, 1 mm
|
Sanken Electric Co., Ltd.
|
L130WCP2EGW |
T-1 (3mm) bi-level LED indicator. High efficiency red, green. Lens type white diffused.
|
Kingbright Electronic
|
|