PART |
Description |
Maker |
SHM100SMS |
50-250 mA 1500-14000 VOLTS 200 usec HIGH VOLTAGE RECTIFIER 0.1 A, 10000 V, SILICON, SIGNAL DIODE
|
Solid State Devices, Inc.
|
CGS103U075R4L3PH CGS103U075R4L4PHS CGS103U075R4L3P |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 75 V, 10000 uF, CHASSIS MOUNT RADIAL LEADED, CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 75 V, 10000 uF, STUD MOUNT RADIAL LEADED, CAN
|
Aerovox, Corp.
|
LT1206CT7 LT1206_07 LT1206 LT1206CN8 LT1206CR LT12 |
250mA/60MHz Current Feedback Amplifi er OP-AMP, 10000 uV OFFSET-MAX, 60 MHz BAND WIDTH, PZFM7 250mA/60MHz Current Feedback Amplifier; Package: DD PAK; No of Pins: 7; Temperature Range: 0°C to 70°C OP-AMP, 10000 uV OFFSET-MAX, 60 MHz BAND WIDTH, PSSO7
|
Linear Technology, Corp. LINER[Linear Technology]
|
CYNSE10128 CYNSE10128-083FGCI CYNSE10128-100FGC CY |
Ayama⑩ 10000 Network Search Engine
|
Cypress Semiconductor
|
CYNSE10128-133FGC CYNSE10512-100FGC CYNSE10512-133 |
Ayama 10000 Network Search Engine Ayama?/a> 10000 Network Search Engine
|
Cypress Semiconductor
|
CYNSE10128 |
Ayama 10000 Network Search Engine
|
Cypress Semiconductor
|
K155 |
DUAL OP-AMP, 10000 uV OFFSET-MAX, CDFM14
|
MS KENNEDY CORP
|
CTLQ2220CF-103M CENTRALTECHNOLOGIES-CTLQ2220CF-6R8 |
1 ELEMENT, 10000 uH, GENERAL PURPOSE INDUCTOR, SMD
|
CENTRAL TECHNOLOGIES
|
XCS30-3BGG256I |
FPGA, 576 CLBS, 10000 GATES, PBGA256
|
XILINX INC
|
MX29LV040QI-70 MX29LV040TI-70 MX29LV040QC-70 |
0.5A 40V Schottky Rectifier; Package: SOD-123 2 LEAD; No of Pins: 2; Container: Tape and Reel; Qty per Container: 10000 0.5A 30V Schottky Rectifier; Package: SOD-123 2 LEAD; No of Pins: 2; Container: Tape and Reel; Qty per Container: 10000 4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY 512K X 8 FLASH 3V PROM, 70 ns, PQCC32
|
Macronix International Co., Ltd.
|
MMSF10N02ZR2 |
10000 mA, 20 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET CASE 751-07, SOP-8
|
ON Semiconductor
|