PART |
Description |
Maker |
2SK1228TMG MA3027-LH MA3027TSK MA3150-LTMG MA3360- |
100 mA, 50 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 2.7 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 0.1 A, SILICON, SIGNAL DIODE SILICON, PIN DIODE UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR 0.035 A, 2 ELEMENT, SILICON, SIGNAL DIODE
|
PANASONIC CORP
|
1N4004GPE/4G 1N4005GPE/100 1N4002GPE/100 1N4003GPE |
Diodes 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-204AL PLASTIC, DO-41, 2 PIN 1 A, 800 V, SILICON, SIGNAL DIODE, DO-204AL PLASTIC, DO-41, 2 PIN 1 A, 50 V, SILICON, SIGNAL DIODE, DO-204AL PLASTIC, DO-41, 2 PIN 1 A, 200 V, SILICON, SIGNAL DIODE, DO-204AL PLASTIC, DO-41, 2 PIN 1 A, 100 V, SILICON, SIGNAL DIODE, DO-204AL PLASTIC, DO-41, 2 PIN 1 A, 600 V, SILICON, SIGNAL DIODE, DO-204AL PLASTIC, DO-41, 2 PIN 1 A, 400 V, SILICON, SIGNAL DIODE, DO-204AL PLASTIC, DO-41, 2 PIN
|
Vishay Beyschlag
|
BYD33DGP-HE3 BYD33GGP-E3 |
DIODE 1 A, 200 V, SILICON, SIGNAL DIODE, DO-204AL, LEAD FREE, PLASTIC, DO-41, 2 PIN, Signal Diode 1 A, 400 V, SILICON, SIGNAL DIODE, DO-204AL
|
Vishay Semiconductors
|
FM400109 FM4003-T FM4001-T |
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere 1 A, 200 V, SILICON, SIGNAL DIODE, DO-214AC 1 A, 50 V, SILICON, SIGNAL DIODE, DO-214AC
|
Rectron Semiconductor RECTRON LTD
|
J4248 SV4247US SV4248US SV4249US |
1 A, 800 V, SILICON, SIGNAL DIODE 1 A, 600 V, SILICON, SIGNAL DIODE 1 A, 1000 V, SILICON, SIGNAL DIODE
|
SENSITRON SEMICONDUCTOR
|
RTD12 BCD25 BCD35 |
0.1 A, 12000 V, SILICON, SIGNAL DIODE 0.1 A, 25000 V, SILICON, SIGNAL DIODE 0.1 A, 35000 V, SILICON, SIGNAL DIODE
|
|
RS0115B SPD0801SMS SPD0801SMSS SPD1001SMSS SPD0901 |
SCHOTTKY RECTIFIER 1 AMPS 80-100 VOLTS SCHOTTKY RECTIFER 1 A, 80 V, SILICON, SIGNAL DIODE 1 A, 100 V, SILICON, SIGNAL DIODE 1 A, 90 V, SILICON, SIGNAL DIODE
|
Solid States Devices, Inc SOLID STATE DEVICES INC
|
1N4150-1 JANTXV1N4150-1 |
Signal or Computer Diode; Package: DO-35; IO (A): 0.2; Cj (pF): 2.5; Vrwm (V): 50; trr (nsec): 4; VF (V): 0.74; IR (µA): 0.1; 0.2 A, 50 V, SILICON, SIGNAL DIODE, DO-35 SWITCHING DIODE
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
FFM101 FFM102 FM107 FFM107 FFM104 FFM106 FFM105 FF |
1 A, 100 V, SILICON, SIGNAL DIODE, DO-214AC SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-214AC
|
Rectron Semiconductor RECTRON LTD
|
|