PART |
Description |
Maker |
MUR1010CT |
(MUR1010CT - MUR1020CT) 10 Amp Super Fast Gl ass Passivated Rectifier 100 to 200 Volts
|
MCC
|
2-34166-1 10054 8-34166-4 8-34166-1 |
TERMINAL, SPADE, PLASTI GRIP
|
Tyco Electronics
|
8-34853-1 8-34853-4 8-34853-5 2-34853-1 2-34853-4 |
TERMINAL, RING TONGUE, PLASTI-GRIP
|
List of Unclassifed Manufacturers ETC[ETC]
|
2-130014-1 |
PLASTI-GRIP TERMINAL WIRE SIZE : 22-16 AWG
|
Tyco Electronics
|
34176 |
TERMINAL, SPADE, PLASTI-GRIP WIRE SIZE:12-10 AWG
|
Tyco Electronics
|
2-34141-1 8-34141-1 |
TERMINAL, RING TONGUE, PLASTI-GRIP WIRE SIZE: 22-16 AWG
|
Tyco Electronics
|
52963-4 52963-3 52963-2 52963-1 |
TERMINAL, SPRING SPADE, SHORT, PLASTI-GRIP WIRE SIZE: 12-10 AWG
|
Tyco Electronics
|
34068 |
WIRE SPLICE PLASTI GRIP, BUTT, WIRE SIZE: 16-14
|
Tyco Electronics
|
71349-1052 |
2.54mm (.100") Pitch C-Grid庐 Header, Surface Mount, Dual Row, Vertical, Shrouded40 Circuits, 0.38渭m (15渭") Gold (Au) Selective Plating, without Press-fit Plasti
|
Molex Electronics Ltd.
|
0877156006 87715-6006 |
1.00mm (.039) Pitch, PCI Express* Connector, 36 Circuits, Nylon 6/6 Glass-filled,Black Housing, Phosphor Bronze, 0.76μm (30μ) Gold (Au) Plating, with Plastic Pegs, 1.00mm (.039") Pitch, PCI Express* Connector, 36 Circuits, Nylon 6/6 Glass-filled,Black Housing, Phosphor Bronze, 0.76楼矛m (30楼矛") Gold (Au) Plating, with Plasti
|
Molex Electronics Ltd.
|
|