PART |
Description |
Maker |
RS2506M RS2507M RS2501M RS2502M RS2503M RS2504M RS |
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes) 4.3 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE
|
RECTRON[Rectron Semiconductor]
|
1210E 1206E 1202E 1206FE 1206UFE |
200 V - 1,000 V Single Phase Bridge 3.0 A Forward Current 70 ns - 3000 ns Recovery Time 3 A, SILICON, BRIDGE RECTIFIER DIODE
|
Voltage Multipliers, Inc.
|
CBR1-D100 CBR1-D010 CBR1-D020 CBR1-D040 CBR1-D060 |
SILICON BRIDGE RECTIFIER 1AMP, 100 THRU 1000 VOLTS 1 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE SILICON BRIDGE RECTIFIER 1AMP, 100 THRU 1000 VOLTS 1 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE SILICON BRIDGE RECTIFIER 1AMP, 100 THRU 1000 VOLTS 1 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE From old datasheet system Leaded Bridge Rectifier General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
WL02F WL005F L08F WL02FB |
Bridge Rectifiers (Round) 1 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE 1 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE
|
|
GBPC50-02W-G GBPC40-06-G |
50 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE LEAD FREE, PLASTIC, GBPC-W, 4 PIN 40 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE
|
Sensitron Semiconductor
|
BR358 BR3505 BR351 BR3510 BR352 BR354 BR356 |
ECONOLINE: ROM - Micro Size SIP4 Package- 3kVDC Isolation- Industry Standard Pinout- UL94V-0 Package Material- Custom Solutions Available- Cost Effective- Efficiency to 85% 35 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE SINGLE-PHASE SILICON BRIDGE RECTIFIER
|
RECTRON LTD RECTRON[Rectron Semiconductor]
|
RBU801M RBU801M10 RBU804M RBU805M RBU806M RBU801M- |
8 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes 8 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 8 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE 8 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE
|
RECTRON LTD Rectron Semiconductor
|
GBPC25005W GBPC2501 GBPC2510 GBPC2510W GBPC25005 G |
Dual General-Purpose Operational Amplifier 8-SOIC 0 to 70 25A GLASS PASSIVATED BRIDGE RECTIFIER 8 A, 5-V Input Non-Isolated Wide-Output Adjust SIP Module w/Auto-Track 8-SIP MODULE -40 to 85 25 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE 50-A, 8-V to 14-V Input, Non-Isolated, Wide-Output Adjust, Vertical Power Module 21-DIP MODULE -40 to 85 25 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE Isolated Flyback Switching Regulator with 9V Output 25 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE
|
DIODES[Diodes Incorporated] Diodes Inc. Diodes, Inc.
|
KBPC50-02S |
50 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE
|
SENSITRON SEMICONDUCTOR
|
|