PART |
Description |
Maker |
M29F800DT_06 M29F800DB M29F800DB55M1E M29F800DB55M |
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
|
STMICROELECTRONICS[STMicroelectronics]
|
M29F800AB90M1 M29F800AB90N1 |
8 MBIT (1MB X8 OR 512KB X16, BOOT BLOCK) SINGLE SUPPLY FLASH MEMORY
|
SGS Thomson Microelectronics
|
M29W800DB M29W800DT M29W800DB70M1T M29W800DB70M6T |
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory Low-Power Configurable Multiple-Function Gate 6-SOT-23 -40 to 85 8兆(1兆x812KB的x16插槽,引导块V电源快闪记忆 Low-Power Configurable Multiple-Function Gate 6-DSBGA -40 to 85 8兆(1兆x812KB的x16插槽,引导块V电源快闪记忆 8 Mbit (1Mb x8 or 512Kb x16 / Boot Block) 3V Supply Flash Memory
|
STMicroelectronics N.V. ST Microelectronics
|
M29W800AB M29W800AB120ZA5T M29W800AT80ZA5T M29W800 |
8 Mbit 1Mb x8 or 512Kb x16 / Boot Block Low Voltage Single Supply Flash Memory Low-Power Single Buffer/Driver with 3-State Output 5-DSBGA -40 to 85 8兆x812KB的x16插槽,引导块低压单电源闪 RESISTOR: 100 OHM, 1/10W, 1%, PACKAGE 0805 81兆x812KB的x16插槽,引导块低压单电源闪 8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory 8兆x812KB的x16插槽,引导块低压单电源闪 Low-Power Single Buffer/Driver with 3-State Output 5-SOT-23 -40 to 85
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
M36W0R6030B0ZAQ M36W0R6030T0 M36W0R6030T0ZAQ M36W0 |
64 Mbit (4Mb x16, Multiple Bank, Burst) Flash Memory and 8 Mbit (512Kb x16) SRAM, Multi-Chip Package
|
ST Microelectronics
|
M36W216TI-ZAT M36W216BIZA M36W216TIZA M36W216TI70Z |
16 Mbit 1Mb x16, Boot Block Flash Memory and 2 Mbit 128Kb x16 SRAM, Multiple Memory Product 16兆x16插槽,开机区块快闪记忆体兆位128KB的x16的SRAM,多个存储产 16 Mbit 1Mb x16, Boot Block Flash Memory and 2 Mbit 128Kb x16 SRAM, Multiple Memory Product 16兆x16插槽,开机区块快闪记忆体2兆位128KB的x16的SRAM,多个存储产 PV76L14-18P
|
http:// STMicroelectronics N.V. 意法半导
|
M27W016-100B1T M27W016-100M1T M27W016-100N1T M27W0 |
16 Mbit 1Mb x16 3V Supply FlexibleROMTM Memory 16 Mbit 1Mb x16 3V Supply FlexibleROM Memory
|
STMicroelectronics 意法半导 ST Microelectronics
|
M27C800 M27C800-120F1TR M27C800-120F6TR 27C800 M27 |
512K X 16 OTPROM, 120 ns, PDSO44 512K X 16 OTPROM, 50 ns, PQCC44 Octal Bus Transceiver With 3-State Outputs 20-TSSOP -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 Octal Bus Transceiver With 3-State Outputs 20-TVSOP -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM 8兆x812KB的x16紫外线存储器和OTP存储 Octal Bus Transceiver With 3-State Outputs 20-SOIC -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 16-Bit Bus Transceiver and Transparent D-Type Latch with 8 Independent Buffers 96-LFBGA -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 32-Bit Buffer/Driver With 3-State Outputs 96-LFBGA -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 Octal Buffer/Driver With 3-State Outputs 20-SOIC -40 to 85 Octal Buffer/Driver With 3-State Outputs 20-TSSOP -40 to 85 8 MBIT (1MB X8 OR 512KB X16) UV EPROM AND OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M36W416TG85ZA1T M36W416TG70ZA6T M36W416TG-ZAT M36W |
16 Mbit 1Mb x16, Boot Block Flash Memory and 4Mbit 256Kb x16 SRAM, Multiple Memory Product CANMS3470L16-23PL/C 16兆x16插槽,开机区块快闪记忆体Mbit的SRAM56Kb x16,内存产品多
|
意法半导 STMicroelectronics N.V.
|
M295V400BT45M1T M295V400BT45M3T M295V400BT45M6T M2 |
4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory 4 Mbit (512Kb x8 or 256Kb x16, Boot Block)Single Supply Flash Memory From old datasheet system
|
STMicroelectronics
|
M28W800CT M28W800CB M28W800CT100N1T M28W800CT100N6 |
8 Mbit 512Kb x16, Boot Block 3V Supply Flash Memory 8 MBIT (512KB X16, BOOT BLOCK) 3V SUPPLY FLASH MEMORY
|
STMICROELECTRONICS[STMicroelectronics]
|