PART |
Description |
Maker |
LM2575TV-005 LM2575D2T-ADJR4 |
Isolated Flyback Switching Regulator with 9V Output 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSFM5 1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5
|
ON Semiconductor
|
PQ1CY1032ZXH PQ1CY1032ZPH PQ1CY1032ZZH |
Maximum switching current: 3.5A To-263 Surface Mount Type Chopper Regulator 3.5 A SWITCHING REGULATOR, 165 kHz SWITCHING FREQ-MAX, PSSO5
|
Sharp Electrionic Compo... SHARP[Sharp Electrionic Components] SHARP ELECTRONICS CORP
|
LT3972IDDPBF LT3972EDDPBF |
33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75µA Quiescent Current, DFN-10 6.2 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
GENERLCCOMPONENT SIC401ACD-T1-GE3 8834 575-4 SIC40 |
15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO IC SWITCHING REGULATOR, Switching Regulator or Controller
|
Vishay Siliconix
|
LT1424CN8-9PBF LT1424-9-15 |
Isolated Flyback Switching Regulator with 9V Output 1.9 A SWITCHING REGULATOR, 320 kHz SWITCHING FREQ-MAX, PDIP8
|
Linear Technology, Corp.
|
MC33363BDWG |
High Voltage Switching Regulator 1 A SWITCHING REGULATOR, 315 kHz SWITCHING FREQ-MAX, PDSO16
|
ON Semiconductor
|
MC33362DWG MC33362DWR2 MC33362DWR2G MC3336206 MC33 |
High Voltage Switching Regulator 2 A SWITCHING REGULATOR, 315 kHz SWITCHING FREQ-MAX, PDSO13
|
ONSEMI[ON Semiconductor]
|
LM2576D2T-3.3 LM2576T-ADJ LM2576D2TR4-5G LM2576D2T |
3.0 A, 15 V, Step−Down Switching Regulator 3.0 A, 15 V, Step?Down Switching Regulator 3.0 A, 15 V, Step−Down Switching Regulator 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5 3.0 A, 15 V, Step−Down Switching Regulator 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PZFM5 3.0 A, 15 V, Step-Down Switching Regulator(3.0A,15V,???????崇ǔ???)
|
Rectron Semiconductor http://
|
BA9743AFV A5801070 |
Regulator LSIs > Switching regulator 2-channel switching regulator controller From old datasheet system
|
ROHM[Rohm]
|
BA6161 BA6161F BA6161N A5800930 BA6161N/F |
Regulator LSIs > Switching regulator Switching regulator for electronic tuning From old datasheet system
|
ROHM[Rohm]
|
MAX638 MAX638ACPA MAX638ACSA MAX638AEPA MAX638AESA |
Isolated Flyback Switching Regulator with 9V Output 0.525 A SWITCHING REGULATOR, 65 kHz SWITCHING FREQ-MAX, PDIP8 Circular Connector; Body Material:Aluminum Alloy; Series:KPT02; No. of Contacts:41; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Circular Contact Gender:Pin From old datasheet system 5V/Adjustable CMOS Step-down Switching Regulator
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
LTC1736C LTC1736I LTC1736CGTRPBF |
5-Bit Adjustable High Efficiency Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 24; Temperature Range: 0°C to 70°C 3 A SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDSO24 Isolated Flyback Switching Regulator with 9V Output 隔离反激式开关稳9V输出
|
Linear Technology, Corp.
|