PART |
Description |
Maker |
IRF360 IRF360-15 |
Repetitive Avalanche Ratings TRANSISTORS N-CHANNEL(Vdss=400V/ Rds(on)=0.20ohm/ Id=25A) TRANSISTORS N-CHANNEL(Vdss=400V, Rds(on)=0.20ohm, Id=25A) 400V Single N-Channel Hi-Rel MOSFET in a TO-204AE package
|
IRF[International Rectifier]
|
IRF740S 6111 |
N-Channel 400V-0.48Ω-10A- D2PAK PowerMESHTM MOSFET(N沟道MOSFET) N沟道400V -0.48Ω- 10A条,采用D2PAK PowerMESHTM MOSFET的(不适用沟道MOSFET的) N-Channel 400V-0.48Ω-10A- D2PAK PowerMESHTM MOSFET(N沟道MOSFET) From old datasheet system N - CHANNEL 400V - 0.48 - 10 A -D 2 PAK PowerMESH TM MOSFET N - CHANNEL 400V - 0.48 ohm - 10 A - D2PAK PowerMESH] MOSFET N - CHANNEL 400V - 0.48 Ohm -10 A -D 2 PAK PowerMESH MOSFET
|
STMicroelectronics N.V. 意法半导 SGS Thomson Microelectronics
|
FQD6N40C FQU6N40C FQD6N40CTM FQU6N40CTU |
400V N-Channel MOSFET 400V N-Channel Advance QFET C-Series
|
FAIRCHILD[Fairchild Semiconductor]
|
JANTXV2N7221 JANTX2N7221 IRFM340 IRFM340-15 |
Simple Drive Requirements 400V. N-CHANNEL HEXFET MOSFETTECHNOLOGY POWER MOSFET 400V Single N-Channel Hi-Rel MOSFET in a TO-254AA package
|
IRF[International Rectifier]
|
IRFD320 FN2325 |
500 mA, 400 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 0.5A, 400V, 1.800 Ohm, N-Channel Power MOSFET 0.5A 400V 1.800 Ohm N-Channel Power MOSFET 0.5A, 400V, 1.800 Ohm, N-Channel Power MOSFET From old datasheet system 0.5A/ 400V/ 1.800 Ohm/ N-Channel Power MOSFET
|
INTERSIL[Intersil Corporation]
|
STB7NA40 4234 STB7NA40-1 STB7NA40T4 |
TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 6.5A I(D) | TO-263AB TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 6.5A I(D) | TO-262VAR N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR From old datasheet system
|
STMicroelectronics
|
STP11NC40 STP11NC40FP |
9.5 A, 400 V, 0.55 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-CHANNEL 400V - 0.44ohm - 9.5A TO-220/TO-220FP PowerMESH?II Power MOSFET N-CHANNEL 400V - 0.44ohm - 9.5A TO-220/TO-220FP PowerMESHII Power MOSFET N-CHANNEL 400V - 0.44ohm - 9.5A TO-220/TO-220FP PowerMESH⑩II Power MOSFET N-CHANNEL 400V 0.44 OHM 9.5A TO-220 / TO-220FP POWERMESH II POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
IRC730 |
400V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package Power MOSFET(Vdss=400V, Rds(on)=1.0ohm, Id=5.5A)
|
IRF[International Rectifier]
|
STW16NA40 STW16NA40FI STH16NA40 STH16NA40FI W16NA4 |
N-Channel 400V-0.21Ω-16A - TO-247/ISOWATT218 Power MOS Transistors(N沟道功率MOS晶体 N沟道400V -0.21Ω- 16A TO-247/ISOWATT218功率MOS晶体管(不适用马鞍山沟道功率晶体管 N - CHANNEL 400V - 0.21W - 16A - TO-247/ISOWATT218 POWER MOS TRANSISTORS From old datasheet system N - CHANNEL 400V - 0.21ohm - 16A - TO-247/ISOWATT218 POWER MOS TRANSISTORS
|
STMicroelectronics N.V. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
APT4020BN APT4020 APT4025BN |
POWER MOS V 400V 26.0A 0.20 Ohm / 400V 23.0A 0.25 Ohm N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
|
apt ADPOW[Advanced Power Technology]
|