PART |
Description |
Maker |
CM430855 |
Dual SCR POW-R-BLOKModules 55 Amperes/800 Volts Dual SCR POW-R-BLOK Modules 55 Amperes/800 Volts Dual SCR POW-R-BLOK⑩ Modules 55 Amperes/800 Volts
|
POWEREX[Powerex Power Semiconductors]
|
E-TDA7570 |
Single or dual PWM BTL output
|
ST Microelectronics
|
TDA7567PD |
Intelligent high efficient (class SB) differential input, quad BTL output with full I2C diagnostics (turn on, permanent, ac)
|
ST Microelectronics
|
CM431655 CM431255 |
Dual SCR POW-R-BLOK?Modules 55 Amperes/1200-1600 Volts Dual SCR POW-R-BLOK Modules 55 Amperes/1200-1600 Volts Dual SCR POW-R-BLOK⑩ Modules 55 Amperes/1200-1600 Volts Dual SCR POW-R-BLOKModules 55 Amperes/1200-1600 Volts
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors]
|
CT230802 |
Split Dual SCR POW-R-BLOK Modules 20 Amperes/800 Volts Split Dual SCR POW-R-BLOK⑩ Modules 20 Amperes/800 Volts
|
POWEREX[Powerex Power Semiconductors]
|
CDD11210 CDD11610 |
Dual Diode POW-R-BLOK??Modules 100 Amperes/1200-1600 Volts Dual Diode POW-R-BLOK⑩ Modules 100 Amperes/1200-1600 Volts Dual Diode POW-R-BLOK Modules 100 Amperes/1200-1600 Volts
|
POWEREX INC POWEREX[Powerex Power Semiconductors]
|
BA6897 BA6897FP BA6897S A5800988 |
4-channel BTL Driver for CD Players(CD播放器的四通道BTL(平衡式无变压器电驱动 4通道CD播放器桥接驱动程序(光盘播放器的四通道桥接(平衡式无变压器电路)驱动器 ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% 4通道的CD播放器桥接驱动程 From old datasheet system
|
Rohm Co., Ltd. ROHM[Rohm]
|
28C64AX-20/K 28C64AX-25/K 28C64AX-15I/K 28C64AX-15 |
Evaluation Kit for the MAX5883, MAX5884, MAX5885 Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC 128Kx8 EEPROM 16-Bit DACs with 16-Channel Sample-and-Hold Outputs Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs 12-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs 12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface 3.3V Transceiver with Two EIA TIA 562 Receivers Active in Shutdown x8的EEPROM
|
Microchip Technology, Inc.
|
5962F9671501VCC 5962F9671501VXC ACTS125MS ACTS125H |
Radiation Hardened Quad Buffer/ Three-State Radiation Hardened Quad Buffer Three-State From old datasheet system Radiation Hardened Quad Buffer, Three-State 辐射加固四缓冲,三 ECONOLINE: RD & RC - Dual Output from a Single Input Rail- 1kVDC & 2kVDC Isolation- Power Sharing on Output- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 86% 辐射加固四缓冲,三
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
TDA8568 TDA8568Q |
4 x 25 W BTL quad car radio power amplifier
|
PHILIPS[Philips Semiconductors]
|
TDA8591 TDA8591J |
4 X 44 W into 4 or 4 X 75 W into 2 quad BTL car radio power amplifier 4 X 44 W into 4 or 4 X 75 W into 2 quad BTL car radio power amplifier
|
NXP Semiconductors
|
TDA8567Q |
4 x 25 W BTL quad car radio power amplifier
|
NXP Semiconductors
|