PART |
Description |
Maker |
BC807 BC327 BC807W BC327T/R BC807-25W/T3 BC807-40. |
45 V, 500 mA PNP general-purpose transistors 500 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
DDTB122LC-7-F DDTB142JC DDTB142TC DDTB122LC2 DDTB1 |
Prebiased Transistors PNP PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR PNP PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR 500 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated Diodes, Inc.
|
2SB1321A |
Silicon PNP epitaxial planer type 500 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Panasonic, Corp. Panasonic Semiconductor
|
DDTB142TC-7 |
TRANS PREBIASED PNP 200MW SOT-23 500 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc.
|
2N2696CSM 2N2696CSMG4 |
Bipolar PNP Device in a Hermetically sealed LCC1 500 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 500MA I(C) | LLCC
|
Seme LAB SEMELAB LTD
|
BC808-16 BC808-25 BC808-40 Q62702-C1689 BC807 BC80 |
From old datasheet system SH2 Series, 7086 Group, Two ADC circuits, 6-ch 16-bit MTU2, 3-ch 16-bit MTU2S, Port Output Enable, 2-ch CMT, UBC, 5v IO, 15 mA IO TFP-100B; Vcc= 3.0 to 5.5 volts, Temp= -40 to 85 C; Package: PTQP0100KA-A PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 进步党硅晶体管自动对焦(自动对焦对于一般应用高集电极电流的高电流增益)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG Fairchild Semiconductor, Corp.
|
MMBTA92-7 MMBTA92 |
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR 500 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
2SA673AKCTZ-E |
500 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
|
KST64MTF |
500 mA, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
2SB1207R |
500 mA, 10 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
PANASONIC CORP
|
|