PART |
Description |
Maker |
UTT100N05 UTT100N05G-TA3-T UTT100N05L-TA3-T |
100A, 50V N-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
IRF7103Q IRF7103QTR IRF7103QN |
N-channel power MOSFET for anti-lock braking systems applications, 50V, 3A TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 50V V(BR)DSS | 3A I(D) | SO Power MOSFET(Vdss=50V) 50V Dual N-Channel HEXFET Power MOSFET in a SO-8 package 50V Single DUAL-Channel HEXFET Power MOSFET in a SO-8 package
|
International Rectifier
|
IRF1407L IRF1407S IRF1407STRR |
75V Single N-Channel HEXFET Power MOSFET in a TO-262 package Power MOSFET(Vdss = 75V, Rds(on) = 0.0078з, Id = 100A?) Power MOSFET(Vdss = 75V, Rds(on) = 0.0078, Id = 100A) Power MOSFET(Vdss = 75V/ Rds(on) = 0.0078/ Id = 100A) TRANSISTOR | MOSFET | N-CHANNEL | 75V V(BR)DSS | 100A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 75V的五(巴西)直| 100号A(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
RFD14N05LSM RFP14N05L RFD14N05L |
MULTI DVI DAISY CHAINABLE RECEIVER - CATX 14 A, 50 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA TV TO VGA/HDTV VIDEO SCALER 14 A, 50 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA 14A/ 50V/ 0.100 Ohm/ Logic Level/ N-Channel Power MOSFETs 14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs 14A 50V 0.100 Ohm Logic Level N-Channel Power MOSFETs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IRL7Y1905C |
50V Single N-Channel Hi-Rel MOSFET in a TO-257AA package HEXFET POWER MOSFET THRU-HOLE (TO-257AA) 50V, N-CHANNEL
|
IRF[International Rectifier]
|
UT100N03G-TQ2-R UT100N03L-TA3-T UT100N03L-TM3-T UT |
100A, 30V N-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
ATP218 |
N-Channel Power MOSFET, 30V, 100A, 3.8mOhm, Single ATPAK
|
ON Semiconductor
|
APT10M09LVFR APT10M09B2VFR |
Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs. 电源MOS V是一个高电压N新一代通道增强型功率MOSFET POWER MOS V 100V 100A 0.009 Ohm
|
Advanced Power Technology, Ltd. Advanced Power Technology Ltd. ADPOW[Advanced Power Technology]
|
BUZ11 BUZ11R4941 |
30A, 50V, 0.040 Ohm, N-Channel Power MOSFET 30A, 50V, 0.040Ohm, N-Channel Power MOSFET
|
Fairchild Semiconductor Corporation
|
RFD15P05 RFD15P05SM RFP15P05 FN2387 |
15A/ 50V/ 0.150 Ohm/ P-Channel Power MOSFETs 15A, 50V, 0.150 Ohm, P-Channel Power MOSFETs From old datasheet system
|
INTERSIL[Intersil Corporation]
|
RFP25N05 FN2112 |
25A/ 50V/ 0.047 Ohm/ N-Channel Power MOSFET 25A, 50V, 0.047 Ohm, N-Channel Power MOSFET From old datasheet system
|
INTERSIL[Intersil Corporation]
|
APT20M22LVR APT20M22LVRG |
Power MOSFET; Package: TO-264 [L]; ID (A): 100; RDS(on) (Ohms): 0.022; BVDSS (V): 200; 100 A, 200 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs. POWER MOS V 200V 100A 0.022 Ohm
|
Microsemi, Corp. ADPOW[Advanced Power Technology]
|