PART |
Description |
Maker |
TT2129 TT2128 TT2127 |
Small kVA 3 Phase Isolation Transformer
|
TEMCo
|
TT2148 TT2146 |
(TT2142 - TT2148) Small kVA 3 Phase Isolation Transformer
|
TEMCo
|
BZX84C18ET1 BZX84C18ET3 BZX84C4V7ET1 BZX84C7V5ET3 |
Small Signal 5% 27V Small Signal 5% 10V Small Signal 5% 5.6V Small Signal 5% 6.2V Small Signal 5% 6.8V Small Signal 4.7V Small Signal 5% 5.1V Zener Voltage Regulators From old datasheet system
|
ONSEMI[ON Semiconductor]
|
ZVP2110ASTZ UZVN3306ASTOB DIODESINC-ZVN3306ASMTA U |
230 mA, 100 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET TO-92 COMPATIBLE, E-LINE PACKAGE-3 270 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 100 mA, 200 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 260 mA, 240 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 90 mA, 450 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 450 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes, Inc. ZETEX PLC DIODES INC
|
BSS125 Q67000-S233 Q62702-S021 Q67000-S008 BSS125Q |
N-Channel SIPMOS Small-Signal Transistor SIPMOS ? Small-Signal Transistor 16 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor Transient Voltage Suppressor Diodes SIPMOS Small-Signal Transistor (N channel Enhancement mode) SIPMOS小信号晶体管N通道增强模式 SIPMOS Small-Signal Transistor (N channel Enhancement mode) 100 mA, 600 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
BF337 BFR36 2N5785 2N6192 BC460 BFX34 BFS89 BFS95 |
Small Signal Transistors 200 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-39 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. N.A. CENTRAL[Central Semiconductor Corp]
|
1SV251 |
Small interterminal capacitance (C=0.23pF typ). Small forward series resistance (rs=4.5 max).
|
TY Semiconductor Co., Ltd
|
UNA0217 0824 UNA0217UN217 |
UNA0217 (UN217) - Transistor array to drive the small motor From old datasheet system Small Signal Transistor Arrays
|
Matsshita / Panasonic
|
BSP92P |
Low Voltage MOSFETs - Small Signal MOSFET, -250V, SOT-223, RDSon = 12 SIPMOS Small-Signal-Transistor
|
Infineon Technologies AG
|
BSP315P |
SIPMOS Small-Signal-Transistor Low Voltage MOSFETs - Small Signal MOSFET, -60V, SOT-223, RDSon = 0.80
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
SI4421DY-T1-E3 |
TRANSISTOR 10000 mA, 20 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, ROHS COMPLIANT, SOP-8, FET General Purpose Small Signal
|
Vishay Siliconix
|
BSP316P |
Low Voltage MOSFETs - Small Signal MOSFET, -100V, SOT-223, RDSon =1.80 SIPMOS Small-Signal-Transistor
|
INFINEON[Infineon Technologies AG]
|
|