PART |
Description |
Maker |
LT1800CS5TRMPBF |
80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amp; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C OP-AMP, 5000 uV OFFSET-MAX, 70 MHz BAND WIDTH, PDSO5
|
Linear Technology, Corp.
|
LTC2054HVMPS5TRMPBF LTC2054MPS5TRMPBF LTC2054CS5TR |
OP-AMP, 10 uV OFFSET-MAX, 0.5 MHz BAND WIDTH, PDSO5 1 MM HEIGHT, LEAD FREE, PLASTIC, MO-193, TSOT-23, 5 PIN Single/Dual Micropower Zero-Drift Operational Amplifiers; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C OP-AMP, 3 uV OFFSET-MAX, 0.5 MHz BAND WIDTH, PDSO5 Single/Dual Micropower Zero-Drift Operational Amplifiers; Package: SOT; No of Pins: 5; Temperature Range: -40° to 125°C OP-AMP, 3 uV OFFSET-MAX, 0.5 MHz BAND WIDTH, PDSO5 Single/Dual Micropower Zero-Drift Operational Amplifiers; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C OP-AMP, 5 uV OFFSET-MAX, 0.5 MHz BAND WIDTH, PDSO5
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
AD8538AUJZ-R2 |
Low Power, Precision Auto-Zero Op Amp OP-AMP, 30 uV OFFSET-MAX, 0.43 MHz BAND WIDTH, PDSO5
|
Analog Devices, Inc.
|
M74VHC1GT14DFT2G |
Schmitt−Trigger Inverter / CMOS Logic Level Shifter LSTTL−Compatible Inputs AHC/VHC SERIES, 1-INPUT INVERT GATE, PDSO5
|
ON Semiconductor
|
LTC4054-4.2 LTC4054XES5-4.2 LTC4054ES5-4.2 LTC4054 |
Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
LTC1799CS5TR LTC1799HS5 LTC1799HS5TRMPBF |
1kHz to 33MHz Resistor Set SOT-23 Oscillator; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C SPECIALTY ANALOG CIRCUIT, PDSO5 1kHz to 33MHz Resistor Set SOT-23 Oscillator; Package: SOT; No of Pins: 5; Temperature Range: -40° to 125°C SPECIALTY ANALOG CIRCUIT, PDSO5
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
KM4170IT5 KM4170IS5 |
OP-AMP, 6000 uV OFFSET-MAX, 2.2 MHz BAND WIDTH, PDSO5
|
FAIRCHILD SEMICONDUCTOR CORP
|
LTC3564IS5TRPBF |
2.25MHz, 1.25A Synchronous Step-Down Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 85°C 2.5 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PDSO5
|
Linear Technology, Corp.
|
LT1615-1 LT1615IS5-1 LT1615ES5-1TRMPBF LT1615IS5PB |
Micropower Step-Up DC/DC Converters in ThinSOT; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C Micropower Step-Up DC/DC Converters in ThinSOT; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 85°C 0.125 A SWITCHING REGULATOR, PDSO5 Micropower Step-Up DC/DC Converters in ThinSOT 0.4 A SWITCHING REGULATOR, PDSO5 Micropower Step-Up DC/DC Converters in ThinSOT; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 85°C 0.4 A SWITCHING REGULATOR, PDSO5
|
Linear Integrated Systems LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
LTC3406B LTC3406BES5-1.8 LTC3406BES5 LTC3406BES5-1 |
256 x 18 3.3-V asynchronous FIFO memory 56-SSOP 0 to 70 1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 1.25 A SWITCHING REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO5
|
Linear Technology Corporation LINER[Linear Technology] Linear Technology, Corp.
|