PART |
Description |
Maker |
IRFP3703 |
30V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=30V, Rds(on)max=0.0028ohm, Id=210A?
|
International Rectifier
|
IRL2203 IRL2203N IRL2203NPBF |
30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A?
|
International Rectifier
|
IRF9410 IRF9410TR |
30V Single N-Channel HEXFET Power MOSFET in a SO-8 package Power MOSFET(Vdss=30V/ Rds(on)=0.030ohm)
|
International Rectifier
|
IRF7706 IRF7706TR |
-30V Single P-Channel HEXFET Power MOSFET in a TSSOP-8 package Power MOSFET(Vdss=-30V)
|
IRF[International Rectifier]
|
AM29LV010B-45RJC AM29LV010B-55JC AM29LV010B-55JE A |
A 20V Single N-Channel HEXFET Power MOSFET in a DirectFET ST Package 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package 80V Single N-Channel HEXFET Power MOSFET in a SO-8 package -40V Single P-Channel HEXFET Power MOSFET in a TSOP-6 (Micro 6) package 20V Dual N-Bidirectional HEXFET Power MOSFET in a 6-Lead FlipFET 30V N-Channel PowerTrench MOSFET 30VN沟道的PowerTrench MOSFET -12V Single P-Channel HEXFET Power MOSFET in a TSSOP-8 package x8闪存EEPROM 1 Mb (128K x 8) Uniform Sector, Flash Memory 128K X 8 FLASH 3V PROM, 70 ns, PQCC32 x8 Flash EEPROM x8闪存EEPROM
|
Toshiba, Corp. Advanced Micro Devices, Inc. Spansion, Inc.
|
X2114TTT X2111TTT X2112PTT X2118PFD X2118PET X2111 |
Analog IC 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3709Z with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7403 with Lead Free Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFZ44EPBF with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU3518 with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-247AC package; A IRFP1405 with Standard Packaging 模拟IC
|
NXP Semiconductors N.V.
|
NTMFS4120N |
Power MOSFET 30V, 31A, Single N Channel, SO8 Flat Lead(30V, 31A锛????OSFET)
|
ON Semiconductor
|
IRF7458 IRF7458TR |
30V Single N-Channel HEXFET Power MOSFET in a SO-8 package Power MOSFET(Vdss=30V, Rds(on)max=8.0mohm, Id=14A) Power MOSFET(Vdss=30V/ Rds(on)max=8.0mohm/ Id=14A)
|
IRF[International Rectifier]
|
IRFU3707 IRFR3707 IRFR3707PBF IRFR3707TRR IRFU3707 |
30V Single N-Channel HEXFET Power MOSFET in a I-Pak package 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package Power MOSFET(Vdss=30V, Rds(on)max=13mohm, Id=61A?) Power MOSFET(Vdss=30V, Rds(on)max=13mohm, Id=61A) Power MOSFET(Vdss=30V, Rds(on)max=13mohm, Id=61A?
|
IRF[International Rectifier]
|
TPH11006NL |
Power MOSFET (N-ch single 30V<VDSS??0V) Power MOSFET (N-ch single 30V<VDSS≤60V)
|
Toshiba, Corp.
|
IRF7811W IRF7811WTR |
30V Single N-Channel HEXFET Power MOSFET in a SO-8 package Power MOSFET for DC-DC Converters 功率MOSFET用于DC - DC转换
|
http:// International Rectifier, Corp.
|
STB80NE03L-06 5472 -STB80NE03L-06 |
N-Channel 30V-0.005惟-80A- D2PAK STripFETTM Power MOSFET(N???MOSFET) N-Channel 30V-0.005Ω-80A- D2PAK STripFETTM Power MOSFET(N功率MOSFET) From old datasheet system N - CHANNEL 30V - 0.005 - 80A - D 2 PAK STripFET TM POWER MOSFET
|
意法半导 STMicro
|