PART |
Description |
Maker |
IRF3808L IRF3808S RF3808S |
75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 75V Single N-Channel HEXFET Power MOSFET in a TO-262 package AUTOMOTIVE MOSFET Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=106A?) Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=106A) Power MOSFET(Vdss=75V/ Rds(on)=0.007ohm/ Id=106A) Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=106A 功率MOSFET(减振钢板基本\u003d 75V的,的Rdson)\u003d 0.007ohm,身份证\u003d 106A章?
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFI830G IRFI830GPBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=500V Rds(on)=1.5ohm Id=3.1A) HEXFET? Power MOSFET Power MOSFET(Vdss=500V/ Rds(on)=1.5ohm/ Id=3.1A) Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=3.1A) 功率MOSFET(减振钢板基本\u003d 500V及的Rdson)\u003d 1.5ohm,身份证\u003d 3.1A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFBC40S IRFBC40L IRFBC40STRR IRFBC40STRL |
600V Single N-Channel HEXFET Power MOSFET in a TO-262 package 600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.2A) Power MOSFET(Vdss=600V Rds(on)=1.2ohm Id=6.2A) CAP CER 1500PF 100V 20% X7R 0603 功率MOSFET(减振钢板基本\u003d 600V电压的Rds(on)\u003d 1.2ohm,身份证\u003d 6.2A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRF7460 IRF7460TR IRF7460TRPBF |
12 A, 20 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, MS-012AA Power MOSFET(Vdss=20V/ Id=12A) Power MOSFET(Vdss=20V, Id=12A) 20V Single N-Channel HEXFET Power MOSFET in a SO-8 package
|
IRF[International Rectifier]
|
IRFI720G IRFI720GPBF |
400V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=2.6A) HEXFET? Power MOSFET Power MOSFET(Vdss=400V/ Rds(on)=1.8ohm/ Id=2.6A)
|
IRF[International Rectifier]
|
IRFD9120 |
-100V Single P-Channel HEXFET Power MOSFET in a HEXDIP package Power MOSFET(Vdss=-100V, Rds(on)=0.60ohm, Id=-1.0A) Power MOSFET(Vdss=-100V Rds(on)=0.60ohm Id=-1.0A) HEXFET? Power MOSFET Power MOSFET(Vdss=-100V/ Rds(on)=0.60ohm/ Id=-1.0A)
|
IRF[International Rectifier]
|
IRFI640G |
200V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=200V/ Rds(on)=0.18ohm/ Id=9.8A) Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=9.8A) 功率MOSFET(减振钢板基本\u003d 200V的电压,的Rds(on)\u003d 0.18ohm,身份证\u003d 9.8A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRC740 |
Power MOSFET(Vdss=400V/ Rds(on)=0.55ohm/ Id=10A) Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=10A) 400V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package
|
International Rectifier
|
IRC540 |
Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A) 功率MOSFET(减振钢板基本\u003d 100V的,的Rds(on)\u003d 0.077ohm,身份证\u003d 28A条) Power MOSFET(Vdss=100V/ Rds(on)=0.077ohm/ Id=28A) Hexfet? Power MOSFET 100V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFI3205 IRFI3205PBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=64A) HEXFET? Power MOSFET Power MOSFET(Vdss=55V/ Rds(on)=0.008ohm/ Id=64A)
|
IRF[International Rectifier]
|
IRF3808 IRF3808PBF |
75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=140A) Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=140A?) Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=140A?
|
International Rectifier
|