PART |
Description |
Maker |
IRFR014 IRFU014 IRFR014PBF IRFR014TR IRFR014TRL IR |
60V Single N-Channel HEXFET Power MOSFET in a D-Pak package Power MOSFET(Vdss = 60 V, Rds(on) = 0.20 Ohm, Id= 7.7A) Power MOSFET(Vdss = 60 V, Rds(on) = 0.20 Ohm, Id= 7.7A)
|
IRF[International Rectifier]
|
IRF9510S IRF9510STRL IRF9510STRR |
-100V Single P-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=-100V Rds(on)=1.2ohm Id=-4.0A) Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A) Power MOSFET(Vdss=-100V/ Rds(on)=1.2ohm/ Id=-4.0A)
|
IRF[International Rectifier]
|
IRFI9630G IRFI9630GPBF |
-200V Single P-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=-200V, Rds(on)=0.80ohm, Id=-4.3A) Power MOSFET(Vdss=-200V/ Rds(on)=0.80ohm/ Id=-4.3A)
|
IRF[International Rectifier]
|
IRFI734G IRFI734 |
450V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=450V Rds(on)=1.2ohm Id=3.4A) Power MOSFET(Vdss=450V, Rds(on)=1.2ohm, Id=3.4A)
|
IRF[International Rectifier]
|
IRF7460 IRF7460TR IRF7460TRPBF |
12 A, 20 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, MS-012AA Power MOSFET(Vdss=20V/ Id=12A) Power MOSFET(Vdss=20V, Id=12A) 20V Single N-Channel HEXFET Power MOSFET in a SO-8 package
|
IRF[International Rectifier]
|
IRF1730G IRFI730G IRFI730GPBF |
400V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET Power MOSFET(Vdss=400V, Rds(on)=1.0ohm, Id=3.7A) Power MOSFET(Vdss=400V/ Rds(on)=1.0ohm/ Id=3.7A)
|
IRF[International Rectifier]
|
IRF9610S IRF9610STRL IRF9610STRR |
-200V Single P-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-1.8A) Power MOSFET(Vdss=-200V/ Rds(on)=3.0ohm/ Id=-1.8A) CAP 3.9PF 50V /-0.1PF C0G SMD-0402 TR-7-PA SN100 HIGH-FREQ 功率MOSFET(减振钢板基本\u003d-00V,的Rds(on)\u003d 3.0ohm,身份证\u003d- 1.8A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFBC30AS IRFBC30L IRFBC30AL IRFBC30ASTRL IRFBC30A |
600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 600V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=600V/ Rds(on)max=2.2ohm/ Id=3.6A) 600V,3.6A,N-Channel HEXFET Power MOSFET for SMPS(600V,3.6A,N沟道 HEXFET 功率MOS场效应管,用于开关模式电 Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A) 功率MOSFET(减振钢板基本\u003d 600V电压的Rds(on)最大值\u003d 2.2ohm,身份证\u003d 3.6A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRC540 |
Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A) 功率MOSFET(减振钢板基本\u003d 100V的,的Rds(on)\u003d 0.077ohm,身份证\u003d 28A条) Power MOSFET(Vdss=100V/ Rds(on)=0.077ohm/ Id=28A) Hexfet? Power MOSFET 100V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFI3205 IRFI3205PBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=64A) HEXFET? Power MOSFET Power MOSFET(Vdss=55V/ Rds(on)=0.008ohm/ Id=64A)
|
IRF[International Rectifier]
|
IRF1405L IRF1405S |
Power MOSFET(Vdss=55V, Rds(on)=5.3mohm, Id=131A? Power MOSFET(Vdss=55V/ Rds(on)=5.3mohm/ Id=131A) Power MOSFET(Vdss=55V, Rds(on)=5.3mohm, Id=131A) Power MOSFET(Vdss=55V, Rds(on)=5.3mohm, Id=131A?) 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
IRF[International Rectifier]
|