PART |
Description |
Maker |
IRFI830G IRFI830GPBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=500V Rds(on)=1.5ohm Id=3.1A) HEXFET? Power MOSFET Power MOSFET(Vdss=500V/ Rds(on)=1.5ohm/ Id=3.1A) Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=3.1A) 功率MOSFET(减振钢板基本\u003d 500V及的Rdson)\u003d 1.5ohm,身份证\u003d 3.1A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFI9640 IRFI9640G |
Power MOSFET(Vdss=-200V Rds(on)=0.50ohm Id=-6.1A) Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-6.1A) Power MOSFET(Vdss=-200V/ Rds(on)=0.50ohm/ Id=-6.1A) -200V Single P-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
IRF[International Rectifier]
|
IRFI644G IRFI644 IRFI644GPBF |
250V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=250V Rds(on)=0.28ohm Id=7.9A) HEXFET? Power MOSFET Power MOSFET(Vdss=250V/ Rds(on)=0.28ohm/ Id=7.9A) Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=7.9A) 功率MOSFET(减振钢板基本\u003d 250V,的Rds(on)\u003d 0.28ohm,身份证\u003d 7.9A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRF9620S IRF9620STRL IRF9620STRR |
-200V Single P-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=-200V Rds(on)=1.5ohm Id=-3.5A) Power MOSFET(Vdss=-200V, Rds(on)=1.5ohm, Id=-3.5A) Power MOSFET(Vdss=-200V/ Rds(on)=1.5ohm/ Id=-3.5A)
|
IRF[International Rectifier]
|
IRFI734G IRFI734 |
450V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=450V Rds(on)=1.2ohm Id=3.4A) Power MOSFET(Vdss=450V, Rds(on)=1.2ohm, Id=3.4A)
|
IRF[International Rectifier]
|
IRFI720G IRFI720GPBF |
400V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=2.6A) HEXFET? Power MOSFET Power MOSFET(Vdss=400V/ Rds(on)=1.8ohm/ Id=2.6A)
|
IRF[International Rectifier]
|
IRFBC30AS IRFBC30L IRFBC30AL IRFBC30ASTRL IRFBC30A |
600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 600V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=600V/ Rds(on)max=2.2ohm/ Id=3.6A) 600V,3.6A,N-Channel HEXFET Power MOSFET for SMPS(600V,3.6A,N沟道 HEXFET 功率MOS场效应管,用于开关模式电 Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A) 功率MOSFET(减振钢板基本\u003d 600V电压的Rds(on)最大值\u003d 2.2ohm,身份证\u003d 3.6A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRF9Z24NL IRF9Z24NS IRF9Z24NSTRR IRF9Z24NSTRL |
-60V Single P-Channel HEXFET Power MOSFET in a TO-262 package -55V Single P-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-12A) 功率MOSFET(减振钢板基本\u003d- 55V的,的Rds(on)\u003d 0.175ohm,身份证\u003d- 12A条) Power MOSFET(Vdss=-55V/ Rds(on)=0.175ohm/ Id=-12A)
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFD120 |
Power MOSFET(Vdss=100V, Rds(on)=0.27ohm, Id=1.3A) 功率MOSFET(减振钢板基本\u003d 100V的,的Rds(on)\u003d 0.27ohm,身份证\u003d 1.3a标准 Power MOSFET(Vdss=100V/ Rds(on)=0.27ohm/ Id=1.3A) HEXFET? Power MOSFET 100V Single N-Channel HEXFET Power MOSFET in a HEXDIP package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFD110 |
Power MOSFET(Vdss=100V, Rds(on)=0.54ohm, Id=1.0A) 功率MOSFET(减振钢板基本\u003d 100V的,的Rds(on)\u003d 0.54ohm,身份证\u003d 1.0安培 Power MOSFET(Vdss=100V/ Rds(on)=0.54ohm/ Id=1.0A) 100V Single N-Channel HEXFET Power MOSFET in a HEXDIP package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRF9640 IRF9640PBF |
-200V Single P-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=-200V Rds(on)=0.50ohm Id=-11A) Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-11A) Power MOSFET(Vdss=-200V/ Rds(on)=0.50ohm/ Id=-11A)
|
IRF[International Rectifier]
|