PART |
Description |
Maker |
IRF1407L IRF1407S IRF1407STRR |
75V Single N-Channel HEXFET Power MOSFET in a TO-262 package Power MOSFET(Vdss = 75V, Rds(on) = 0.0078з, Id = 100A?) Power MOSFET(Vdss = 75V, Rds(on) = 0.0078, Id = 100A) Power MOSFET(Vdss = 75V/ Rds(on) = 0.0078/ Id = 100A) TRANSISTOR | MOSFET | N-CHANNEL | 75V V(BR)DSS | 100A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 75V的五(巴西)直| 100号A(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRC830 |
Power MOSFET(Vdss=500V/ Rds(on)=1.5ohm/ Id=4.5A) Power MOSFET(Vdss=500V Rds(on)=1.5ohm Id=4.5A) Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A) 500V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package
|
IRF[International Rectifier]
|
IRFP054N |
Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=81A? 55V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=81A) Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=81A?) IC/71054 24P P DIP INTERFACE 功率MOSFET(减振钢板基本\u003d 55V的,的Rds(on)\u003d 0.012ohm,身份证\u003d 81A条?
|
IRF[International Rectifier] Power MOSFET International Rectifier, Corp.
|
IRF1010NL IRF1010NS IRF1010NSTRR IRF1010NSPBF IRF1 |
55V Single N-Channel HEXFET Power MOSFET in a TO-262 package 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss = 55 V/ Rds(on)=11mohm/ Id=85A) Power MOSFET(Vdss = 55 V, Rds(on)=11mohm, Id=85A) Power MOSFET(Vdss = 55 V, Rds(on)=11mohm, Id=85A?) Power MOSFET(Vdss = 55 V, Rds(on)=11mohm, Id=85A?
|
IRF[International Rectifier]
|
IRC503 IRC530 |
100V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package Power MOSFET(Vdss=100V/ Rds(on)=0.16ohm/ Id=14A) Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A) Power MOSFET(Vdss=100V Rds(on)=0.16ohm Id=14A) Hexfet? Power MOSFET
|
IRF[International Rectifier]
|
IRFI1010N IRFI1010 |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=49A) Power MOSFET(Vdss=55V Rds(on)=0.012ohm Id=49A) HEXFET? Power MOSFET Power MOSFET(Vdss=55V/ Rds(on)=0.012ohm/ Id=49A)
|
IRF[International Rectifier]
|
IRFI740G IRFI740 IRFI740GPBF |
400V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=5.4A) HEXFET? Power MOSFET Power MOSFET(Vdss=400V/ Rds(on)=0.55ohm/ Id=5.4A)
|
IRF[International Rectifier]
|
IRFD120 |
Power MOSFET(Vdss=100V, Rds(on)=0.27ohm, Id=1.3A) 功率MOSFET(减振钢板基本\u003d 100V的,的Rds(on)\u003d 0.27ohm,身份证\u003d 1.3a标准 Power MOSFET(Vdss=100V/ Rds(on)=0.27ohm/ Id=1.3A) HEXFET? Power MOSFET 100V Single N-Channel HEXFET Power MOSFET in a HEXDIP package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFI3205 IRFI3205PBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=64A) HEXFET? Power MOSFET Power MOSFET(Vdss=55V/ Rds(on)=0.008ohm/ Id=64A)
|
IRF[International Rectifier]
|
IRF5210 |
-100V Single P-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=-100V Rds(on)=0.06ohm Id=-40A) Power MOSFET(Vdss=-100V, Rds(on)=0.06ohm, Id=-40A) Power MOSFET(Vdss=-100V/ Rds(on)=0.06ohm/ Id=-40A)
|
IRF[International Rectifier]
|
IRFI744G IRFI744GPBF |
450V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=450V Rds(on)=0.63ohm Id=4.9A) HEXFET? Power MOSFET Power MOSFET(Vdss=450V, Rds(on)=0.63ohm, Id=4.9A) 功率MOSFET(减振钢板基本\u003d 450V,的Rds(on)\u003d 0.63ohm,身份证\u003d 4.9A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRF1405L IRF1405S |
Power MOSFET(Vdss=55V, Rds(on)=5.3mohm, Id=131A? Power MOSFET(Vdss=55V/ Rds(on)=5.3mohm/ Id=131A) Power MOSFET(Vdss=55V, Rds(on)=5.3mohm, Id=131A) Power MOSFET(Vdss=55V, Rds(on)=5.3mohm, Id=131A?) 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
IRF[International Rectifier]
|