PART |
Description |
Maker |
IRFI830G IRFI830GPBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=500V Rds(on)=1.5ohm Id=3.1A) HEXFET? Power MOSFET Power MOSFET(Vdss=500V/ Rds(on)=1.5ohm/ Id=3.1A) Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=3.1A) 功率MOSFET(减振钢板基本\u003d 500V及的Rdson)\u003d 1.5ohm,身份证\u003d 3.1A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRC840 |
Power MOSFET(Vdss=500V/ Rds(on)=0.85ohm/ Id=8.0A) Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A) Hexfet? Power MOSFET Power MOSFET(Vdss=500V Rds(on)=0.85ohm Id=8.0A) 500V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package
|
IRF[International Rectifier]
|
IRCZ24 |
Power MOSFET(Vdss=55V/ Rds(on)=0.040ohm/ Id=26A) Power MOSFET(Vdss=55V, Rds(on)=0.040ohm, Id=26A) 60V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package
|
International Rectifier
|
IRFU320 IRFR320 IRFR320PBF IRFR320TR IRFR320TRL IR |
3.1 A, 400 V, 1.8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA Power MOSFET(Vdss=400V Rds(on)=1.8ohm Id=3.1A) Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=3.1A) 400V Single N-Channel HEXFET Power MOSFET in a D-Pak package
|
IRF[International Rectifier]
|
IRFIBC30G IRFIBC30 |
600V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=2.5A) Power MOSFET(Vdss=600V/ Rds(on)=2.2ohm/ Id=2.5A)
|
IRF[International Rectifier]
|
IRF644N IRF644NL IRF644NS IRF644 IRF644NSTRR |
250V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=250V, Rds(on)=240mohm, Id=14A) Power MOSFET(Vdss=250V/ Rds(on)=240mohm/ Id=14A) TRANSISTOR | MOSFET | N-CHANNEL | 250V V(BR)DSS | 14A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 250V五(巴西)直|4A条(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRF9610S IRF9610STRL IRF9610STRR |
-200V Single P-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-1.8A) Power MOSFET(Vdss=-200V/ Rds(on)=3.0ohm/ Id=-1.8A) CAP 3.9PF 50V /-0.1PF C0G SMD-0402 TR-7-PA SN100 HIGH-FREQ 功率MOSFET(减振钢板基本\u003d-00V,的Rds(on)\u003d 3.0ohm,身份证\u003d- 1.8A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFBC30AS IRFBC30L IRFBC30AL IRFBC30ASTRL IRFBC30A |
600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 600V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=600V/ Rds(on)max=2.2ohm/ Id=3.6A) 600V,3.6A,N-Channel HEXFET Power MOSFET for SMPS(600V,3.6A,N沟道 HEXFET 功率MOS场效应管,用于开关模式电 Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A) 功率MOSFET(减振钢板基本\u003d 600V电压的Rds(on)最大值\u003d 2.2ohm,身份证\u003d 3.6A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRF9Z14S IRF9Z14L IRF9Z14STRL IRF9Z14STRR |
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-6.7A) 功率MOSFET(减振钢板基本\u003d- 60V的,的Rds(on)\u003d 0.50ohm,身份证\u003d- 6.7A Power MOSFET(Vdss=-60V/ Rds(on)=0.50ohm/ Id=-6.7A) HEXFET? Power MOSFET -60V Single P-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRF1010EL IRF1010ES IRF1010ESTRL IRF1010ESTRR |
60V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 60V Single N-Channel HEXFET Power MOSFET in a TO-262 package Power MOSFET(Vdss=60V/ Rds(on)=12mohm/ Id=84A) Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=84A) Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=84A?) Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=84A?
|
IRF[International Rectifier]
|