PART |
Description |
Maker |
IRF5802 IRF5802TR |
150V Single N-Channel HEXFET Power MOSFET in a TSOP-6 (Micro 6) package Power MOSFET(Vdss=150V, Id=0.9A) Power MOSFET(Vdss=150V/ Id=0.9A) 0.9 A, 150 V, 1.2 ohm, N-CHANNEL, Si, POWER, MOSFET
|
IRF[International Rectifier]
|
IRFI830G IRFI830GPBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=500V Rds(on)=1.5ohm Id=3.1A) HEXFET? Power MOSFET Power MOSFET(Vdss=500V/ Rds(on)=1.5ohm/ Id=3.1A) Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=3.1A) 功率MOSFET(减振钢板基本\u003d 500V及的Rdson)\u003d 1.5ohm,身份证\u003d 3.1A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRC830 |
Power MOSFET(Vdss=500V/ Rds(on)=1.5ohm/ Id=4.5A) Power MOSFET(Vdss=500V Rds(on)=1.5ohm Id=4.5A) Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A) 500V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package
|
IRF[International Rectifier]
|
IRFI9640 IRFI9640G |
Power MOSFET(Vdss=-200V Rds(on)=0.50ohm Id=-6.1A) Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-6.1A) Power MOSFET(Vdss=-200V/ Rds(on)=0.50ohm/ Id=-6.1A) -200V Single P-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
IRF[International Rectifier]
|
IRFP054N |
Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=81A? 55V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=81A) Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=81A?) IC/71054 24P P DIP INTERFACE 功率MOSFET(减振钢板基本\u003d 55V的,的Rds(on)\u003d 0.012ohm,身份证\u003d 81A条?
|
IRF[International Rectifier] Power MOSFET International Rectifier, Corp.
|
IRFP2907 IRFP2907PBF |
Power MOSFET(Vdss=75V, Rds(on)=4.5mohm, Id=209A? Power MOSFET(Vdss=75V, Rds(on)=4.5mohm, Id=209A?) AUTOMOTIVE MOSFET Power MOSFET(Vdss=75V, Rds(on)=4.5mohm, Id=209A) 75V Single N-Channel HEXFET Power MOSFET in a TO-247AC package
|
IRF[International Rectifier]
|
IRF9620S IRF9620STRL IRF9620STRR |
-200V Single P-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=-200V Rds(on)=1.5ohm Id=-3.5A) Power MOSFET(Vdss=-200V, Rds(on)=1.5ohm, Id=-3.5A) Power MOSFET(Vdss=-200V/ Rds(on)=1.5ohm/ Id=-3.5A)
|
IRF[International Rectifier]
|
IRFI9630G IRFI9630GPBF |
-200V Single P-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=-200V, Rds(on)=0.80ohm, Id=-4.3A) Power MOSFET(Vdss=-200V/ Rds(on)=0.80ohm/ Id=-4.3A)
|
IRF[International Rectifier]
|
IRF9610S IRF9610STRL IRF9610STRR |
-200V Single P-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-1.8A) Power MOSFET(Vdss=-200V/ Rds(on)=3.0ohm/ Id=-1.8A) CAP 3.9PF 50V /-0.1PF C0G SMD-0402 TR-7-PA SN100 HIGH-FREQ 功率MOSFET(减振钢板基本\u003d-00V,的Rds(on)\u003d 3.0ohm,身份证\u003d- 1.8A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFBC30AS IRFBC30L IRFBC30AL IRFBC30ASTRL IRFBC30A |
600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 600V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=600V/ Rds(on)max=2.2ohm/ Id=3.6A) 600V,3.6A,N-Channel HEXFET Power MOSFET for SMPS(600V,3.6A,N沟道 HEXFET 功率MOS场效应管,用于开关模式电 Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A) 功率MOSFET(减振钢板基本\u003d 600V电压的Rds(on)最大值\u003d 2.2ohm,身份证\u003d 3.6A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRF3205 IRF3205PBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A? Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A) Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A?) Power MOSFET(Vdss=55V/ Rds(on)=8.0mohm/ Id=110A)
|
IRF[International Rectifier]
|
IRFI640G |
200V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=200V/ Rds(on)=0.18ohm/ Id=9.8A) Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=9.8A) 功率MOSFET(减振钢板基本\u003d 200V的电压,的Rds(on)\u003d 0.18ohm,身份证\u003d 9.8A
|
IRF[International Rectifier] International Rectifier, Corp.
|