PART |
Description |
Maker |
SI4435DY SI4435DYTR |
-30V Single P-Channel HEXFET Power MOSFET in a SO-8 package Power MOSFET(Vdss=-30V Rds(on)=0.020ohm Power MOSFET(Vdss=-30V, Rds(on)=0.020ohm Power MOSFET(Vdss=-30V/ Rds(on)=0.020ohm SHROUD, PRIVACY; RoHS Compliant: Yes
|
IRF[International Rectifier]
|
IRFI830G IRFI830GPBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=500V Rds(on)=1.5ohm Id=3.1A) HEXFET? Power MOSFET Power MOSFET(Vdss=500V/ Rds(on)=1.5ohm/ Id=3.1A) Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=3.1A) 功率MOSFET(减振钢板基本\u003d 500V及的Rdson)\u003d 1.5ohm,身份证\u003d 3.1A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFI644G IRFI644 IRFI644GPBF |
250V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=250V Rds(on)=0.28ohm Id=7.9A) HEXFET? Power MOSFET Power MOSFET(Vdss=250V/ Rds(on)=0.28ohm/ Id=7.9A) Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=7.9A) 功率MOSFET(减振钢板基本\u003d 250V,的Rds(on)\u003d 0.28ohm,身份证\u003d 7.9A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRC840 |
Power MOSFET(Vdss=500V/ Rds(on)=0.85ohm/ Id=8.0A) Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A) Hexfet? Power MOSFET Power MOSFET(Vdss=500V Rds(on)=0.85ohm Id=8.0A) 500V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package
|
IRF[International Rectifier]
|
IRF1010NL IRF1010NS IRF1010NSTRR IRF1010NSPBF IRF1 |
55V Single N-Channel HEXFET Power MOSFET in a TO-262 package 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss = 55 V/ Rds(on)=11mohm/ Id=85A) Power MOSFET(Vdss = 55 V, Rds(on)=11mohm, Id=85A) Power MOSFET(Vdss = 55 V, Rds(on)=11mohm, Id=85A?) Power MOSFET(Vdss = 55 V, Rds(on)=11mohm, Id=85A?
|
IRF[International Rectifier]
|
IRF830S IRF830STRL IRF830STRR |
500V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=500V Rds(on)=1.5ohm Id=4.5A) Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A) Power MOSFET(Vdss=500V/ Rds(on)=1.5ohm/ Id=4.5A)
|
IRF[International Rectifier]
|
IRF2807 IRF2807PBF |
75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=75V, Id=82A? Power MOSFET(Vdss=75V/ Id=82A)
|
International Rectifier
|
IRFD110 |
Power MOSFET(Vdss=100V, Rds(on)=0.54ohm, Id=1.0A) 功率MOSFET(减振钢板基本\u003d 100V的,的Rds(on)\u003d 0.54ohm,身份证\u003d 1.0安培 Power MOSFET(Vdss=100V/ Rds(on)=0.54ohm/ Id=1.0A) 100V Single N-Channel HEXFET Power MOSFET in a HEXDIP package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRF9640 IRF9640PBF |
-200V Single P-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=-200V Rds(on)=0.50ohm Id=-11A) Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-11A) Power MOSFET(Vdss=-200V/ Rds(on)=0.50ohm/ Id=-11A)
|
IRF[International Rectifier]
|
IRF5210 |
-100V Single P-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=-100V Rds(on)=0.06ohm Id=-40A) Power MOSFET(Vdss=-100V, Rds(on)=0.06ohm, Id=-40A) Power MOSFET(Vdss=-100V/ Rds(on)=0.06ohm/ Id=-40A)
|
IRF[International Rectifier]
|
IRF1405L IRF1405S |
Power MOSFET(Vdss=55V, Rds(on)=5.3mohm, Id=131A? Power MOSFET(Vdss=55V/ Rds(on)=5.3mohm/ Id=131A) Power MOSFET(Vdss=55V, Rds(on)=5.3mohm, Id=131A) Power MOSFET(Vdss=55V, Rds(on)=5.3mohm, Id=131A?) 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
IRF[International Rectifier]
|