PART |
Description |
Maker |
IRC503 IRC530 |
100V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package Power MOSFET(Vdss=100V/ Rds(on)=0.16ohm/ Id=14A) Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A) Power MOSFET(Vdss=100V Rds(on)=0.16ohm Id=14A) Hexfet? Power MOSFET
|
IRF[International Rectifier]
|
IRFI9630G IRFI9630GPBF |
-200V Single P-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=-200V, Rds(on)=0.80ohm, Id=-4.3A) Power MOSFET(Vdss=-200V/ Rds(on)=0.80ohm/ Id=-4.3A)
|
IRF[International Rectifier]
|
IRF2807 IRF2807PBF |
75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=75V, Id=82A? Power MOSFET(Vdss=75V/ Id=82A)
|
International Rectifier
|
IRFI630G IRFI630 IRFI630GPBF |
200V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=5.9A) HEXFET? Power MOSFET Power MOSFET(Vdss=200V/ Rds(on)=0.40ohm/ Id=5.9A)
|
IRF[International Rectifier]
|
IRFI740GLC IRFI740GLCPBF |
Power MOSFET(Vdss=400V/ Rds(on)=0.55ohm/ Id=5.7A) Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=5.7A) HEXFET? Power MOSFET 400V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
IRF[International Rectifier]
|
IRFBC30AS IRFBC30L IRFBC30AL IRFBC30ASTRL IRFBC30A |
600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 600V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=600V/ Rds(on)max=2.2ohm/ Id=3.6A) 600V,3.6A,N-Channel HEXFET Power MOSFET for SMPS(600V,3.6A,N沟道 HEXFET 功率MOS场效应管,用于开关模式电 Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A) 功率MOSFET(减振钢板基本\u003d 600V电压的Rds(on)最大值\u003d 2.2ohm,身份证\u003d 3.6A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFD120 |
Power MOSFET(Vdss=100V, Rds(on)=0.27ohm, Id=1.3A) 功率MOSFET(减振钢板基本\u003d 100V的,的Rds(on)\u003d 0.27ohm,身份证\u003d 1.3a标准 Power MOSFET(Vdss=100V/ Rds(on)=0.27ohm/ Id=1.3A) HEXFET? Power MOSFET 100V Single N-Channel HEXFET Power MOSFET in a HEXDIP package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRC740 |
Power MOSFET(Vdss=400V/ Rds(on)=0.55ohm/ Id=10A) Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=10A) 400V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package
|
International Rectifier
|
IRC540 |
Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A) 功率MOSFET(减振钢板基本\u003d 100V的,的Rds(on)\u003d 0.077ohm,身份证\u003d 28A条) Power MOSFET(Vdss=100V/ Rds(on)=0.077ohm/ Id=28A) Hexfet? Power MOSFET 100V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFI3205 IRFI3205PBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=64A) HEXFET? Power MOSFET Power MOSFET(Vdss=55V/ Rds(on)=0.008ohm/ Id=64A)
|
IRF[International Rectifier]
|
IRF1405L IRF1405S |
Power MOSFET(Vdss=55V, Rds(on)=5.3mohm, Id=131A? Power MOSFET(Vdss=55V/ Rds(on)=5.3mohm/ Id=131A) Power MOSFET(Vdss=55V, Rds(on)=5.3mohm, Id=131A) Power MOSFET(Vdss=55V, Rds(on)=5.3mohm, Id=131A?) 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
IRF[International Rectifier]
|