PART |
Description |
Maker |
STD7N80K5 STU7N80K5 |
N-channel 800 V, 0.95 Ohm typ., 6 A Zener-protected SuperMESH(TM) 5 Power MOSFET in DPAK package N-channel 800 V, 0.95 Ohm typ., 6 A Zener-protected SuperMESH(TM) 5 Power MOSFET in IPAK package
|
ST Microelectronics
|
STP25N80K5 STF25N80K5 STW25N80K5 STB25N80K5 |
N-channel 800 V, 0.19 typ., 19.5 A SuperMESH 5 Power MOSFET in D2PAK N-channel 800 V, 0.19 typ., 19.5 A SuperMESH 5 Power MOSFET in D2PAK
|
STMicroelectronics
|
STU8N80K5 |
N-channel 800 V, 0.8 typ., 6 A Zener-protected SuperMESH 5 Power MOSFET in TO-220 and IPAK packages N-channel 800 V, 0.8 typ., 6 A Zener-protected SuperMESH 5 Power MOSFET in TO-220 and IPAK packages
|
STMicroelectronics
|
S4707-01 |
MOSFET, Switching; VDSS (V): 600; ID (A): 21; Pch : 150; RDS (ON) typ. (ohm) @10V: 0.315; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 2600; toff (µs) typ: 0.107; Package: TO-3P
|
Hamamatsu Photonics
|
S3901-FX |
MOSFET, Switching; VDSS (V): 400; ID (A): 15; Pch : 100; RDS (ON) typ. (ohm) @10V: 0.34; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1100; toff (µs) typ: 0.077; Package: LDPAK (S)- (1)
|
Hamamatsu Photonics
|
FCH22N60N |
N-Channel SupreMOSMOSFET 600V, 22A, 165m Ultra Low Gate Charge (Typ. Qg = 45 nC), Low Effective Output Capacitance (Typ. Coss.eff = 196.4 pF)
|
Fairchild Semiconductor
|
IRFP23N50LPBF |
23 A, 500 V, 0.235 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AC HEXFET Power MOSFET ( VDSS = 500V , RDS(on)typ. = 0.190ヘ , Trr typ. = 170ns , ID = 23A ) HEXFET Power MOSFET ( VDSS = 500V , RDS(on)typ. = 0.190Ω , Trr typ. = 170ns , ID = 23A )
|
International Rectifier
|
SXL-189-EB |
800-1000 MHz, 50 Ohm power MMIC amplifier. High linearity performance: 42dBm typ. at 900 MHz. Eval board.
|
Stanford Microdevices
|
STF11NM65N STFI11NM65N STD11NM65N STP11NM65N |
N-channel 650 V, 0.425 Ohm typ., 11 A MDmesh(TM) II Power MOSFET in I2PAKFP package N-channel 650 V, 0.425 Ω typ., 11 A MDmesh?II Power MOSFET in DPAK, TO-220FP, I2PAKFP and TO-220 packages N-channel 650 V, 0.425 ohm typ., 11 A MDmesh ll Power MOSFET N-channel 650 V, 0.425 Ohm typ., 11 A MDmesh(TM) II Power MOSFET in DPAK package
|
STMicroelectronics ST Microelectronics
|
S2744 S2744-08 S2744-09 S3588-08 S3588-09 |
MOSFET, Switching; VDSS (V): 150; ID (A): 17; Pch : -; RDS (ON) typ. (ohm) @10V: 0.089; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V Si PIN photodiode Large area sensors for scintillation detection 硅PIN光电二极管的大面积闪烁探测传感器
|
Hamamatsu Photonics K.K.
|
|