PART |
Description |
Maker |
MBR20200CT MBR20200CT_D ON0413 |
SWITCHMODE??Power Dual Schottky Rectifier SWITCHMODEPower Dual Schottky Rectifier 10 A, 200 V, SILICON, RECTIFIER DIODE, TO-220AB SWITCHMODE Power Dual Schottky Rectifier SCHOTTKY BARRIER RECTIFIER From old datasheet system SWITCHMODE⑩ Power Dual Schottky Rectifier
|
MOTOROLA INC Motorola Mobility Holdings, Inc. ON Semi MOTOROLA[Motorola, Inc]
|
U1GWJ44 |
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE HIGH SPEED RECTIFIER APPLICATIONS
|
TOSHIBA
|
CDBM280 CDBM260 CDBM2100 CDBM240 |
2.0 A SMD schottky barrier rectifier. Max repetitive peak reverse voltage 40 V. SMD Schottky Barrier Rectifier 贴片肖特基整流器
|
Comchip Technology Co., Ltd.
|
CD214A-B40 CD214A-B40L CD214A-B220 CD214A-B30 CD21 |
Schottky Barrier Diodes 2A, VR=60V 2 A, 60 V, SILICON, RECTIFIER DIODE, DO-214AC Schottky Barrier Rectifier Chip Diode
|
Bourns, Inc. BOURNS[Bourns Electronic Solutions]
|
SR10150 SR10100 SR1040 SR1060 |
SCHOTTKY BARRIER RECTIFLER SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
|
Gaomi Xinghe Electronics Co., Ltd. Chendahang Electronics Co., Ltd Gaomi Xinghe Electronics Co... Chendahang Electronics Co.,... Gaomi Xinghe Electronic... Chendahang Electronics ...
|
CMSH3-20MA CMSH3-100MA CMSH3-40MA CMSH3-60MA |
SURFACE MOUNT SCHOTTKY BARRIER SILICON RECTIFIER 3.0 AMP, 20 THRU 100 VOLTS SMD Schottky Rectifier Single
|
Central Semiconductor Corp.
|
MBR230LSFT1 MBR230LSFT1G |
Surface Mount Schottky Power Rectifier SCHOTTKY BARRIER RECTIFIER 2.0 AMPERES, 30 VOLTS
|
ON Semiconductor
|
SD2010S030L0R1 SD2010S030L0R2 SD2010S030L0R3 SD201 |
Schottky Barrier Rectifier Diode Schottky Barrier Rectifier Diode Lead-less Chip Form
|
AVX Corporation
|
SS14-T1 SS14-T3 SS13-T1 SS13-T3 SS12 SS19-T3 S100- |
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER CONTACTOR 600VAC 18AMP IEC OPTIONS (SS12 - SS19) 1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER USB Type A - Horizontal Female PC Tail, selective gold tin
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|