PART |
Description |
Maker |
SKY67101-396LF |
SKY67101-396LF 0.4-1.2 GHz High Linearity, Active Bias Low-Noise Amplifier
|
Skyworks Solutions Inc.
|
V802ME03 |
LOW COST - HIG PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
|
ZCOMM[Z-Communications, Inc]
|
PE87FL1013 |
11 Section Bandpass Filter With SMA Female Connectors Operating From 2 GHz to 4 GHz With a 2 GHz Passband
|
Pasternack Enterprises,...
|
AD8362ARU-REEL7 AD8362-EVAL AD8362ARUZ1 |
50 Hz to 2.7 GHz 60 dB TruPwr?/a> Detector 50 Hz to 2.7 GHz 60 dB TruPwrDetector 50赫兹.7 GHz 60分贝TruPwr⑩探测器
|
Analog Devices, Inc.
|
PE82P2000 |
Analog Phase Shifter, 5 GHz to 18 GHz, With an Adjustable Phase of 40 Deg. Per GHz and SMA
|
Pasternack Enterprises,...
|
RFSP2010 PRFS-P2010-006 P2010-DSH_E PRFS-P2010-005 |
The RFS P2010 power amplifier is a high-performance GaAs HBT IC designed for use in a transmit applications in the 2.4-2.5 GHz frequency ... 2.4-2.5 GHz Power Amplifier From old datasheet system 2.4?2.5 GHz Power Amplifier Single-band power amplifiers 2.42.5 GHz Power Amplifier 2400 MHz - 2500 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER
|
ANADIGICS[ANADIGICS, Inc] ANADIGICS[ANADIGICS Inc] ANADIGICS Inc ANADIGICS, Inc.
|
87310B 87300B 87300C 87301D |
87310B Coaxial Hybrid Coupler 90 Degree 1 GHz to 18 GHz 87301B Coaxial Directional Coupler 10 to 46 GHz
|
Agilent (Hewlett-Packard)
|
PE8254 |
50 Ohm 2.92mm To 2.92mm Phase Shifter Operating From 26.5 GHz to 40 GHz With an Adjustable Phase of 30.00 Deg. Per GHz
|
Pasternack Enterprises,...
|
PE-W90TF006-36 |
WR-90 Flexible Waveguide Twist With a CPR-90G Flange Operating From 8.2 GHz to 12.4 GHz
|
Pasternack Enterprises,...
|
PE-W90TF006-24 |
WR-90 Flexible Waveguide Twist With a CPR-90G Flange Operating From 8.2 GHz to 12.4 GHz
|
Pasternack Enterprises,...
|
HMMC-3008 |
DC-16 GHz GaAs HBT MMIC Divide-by-8 Prescaler(DC-16 GHz 砷化镓HBT单片微波集成电路定标
|
Agilent(Hewlett-Packard)
|