PART |
Description |
Maker |
1N5232A 1N5221A 1N5221B 1N5221C 1N5221D 1N5270B 1N |
22 V, 5.6 mA, zener diode 13 V, 9.5 mA, zener diode 36 V, 3.4 mA, zener diode 3.3 V, 20 mA, zener diode 30 V, 4.2 mA, zener diode 15 V, 8.5 mA, zener diode 8.7 V, 20 mA, zener diode 2.5 V, 20 mA, zener diode 62 V, 2.0 mA, zener diode 3.3 V, 20 mA, zener diode 19 V, 6.6 mA, zener diode 33 V, 3.8 mA, zener diode 56 V, 2.2 mA, zener diode 11 V, 20 mA, zener diode 28 V, 4.5 mA, zener diode 24 V, 5.2 mA, zener diode 60 V, 2.1 mA, zener diode 60 V, 2.1 mA, zener diode 39 V, 3.2 mA, zener diode 39 V, 3.2 mA, zener diode 17 V, 7.4 mA, zener diode 14 V, 9.0 mA, zener diode 12 V, 20 mA, zener diode 18 V, 7.0 mA, zener diode 5.6 V, 20 mA, zener diode 82 V, 1.5 mA, zener diode 87 V, 1.4 mA, zener diode 4.7 V, 20 mA, zener diode 47 V, 2.7 mA, zener diode 7.5 V, 20 mA, zener diode 110 V, 1.1 mA, zener diode 2.8 V, 20 mA, zener diode 24 V, 5.2 mA, zener diode 28 V, 4.5 mA, zener diode 25 V, 5.0 mA, zener diode 1N52 SERIES ZENER DIODES FKC 2.5/6-STF Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 50μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 250μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) Low Current Operation at 250?录A茂录?Low Reverse Leakage,Low Noise Zener Diode(250?录A氓路楼盲陆?莽?碌忙碌?茫??氓掳?氓??氓??忙录?莽?碌忙碌?茫??盲陆?氓?陋氓拢掳茫??茅陆?莽潞鲁盲潞?忙??莽庐隆) 2.5 V, 20 mA, zener diode 36 V, 3.4 mA, zener diode 9.1 V, 20 mA, zener diode 11 V, 20 mA, zener diode 62 V, 2.0 mA, zener diode 110 V, 1.1 mA, zener diode 3.9 V, 20 mA, zener diode 82 V, 1.5 mA, zener diode 16 V, 7.8 mA, zener diode 12 V, 20 mA, zener diode 3.9 V, 20 mA, zener diode 43 V, 3.0 mA, zener diode 68 V, 1.8 mA, zener diode 68 V, 1.8 mA, zener diode 56 V, 2.2 mA, zener diode 30 V, 4.2 mA, zener diode 43 V, 3.0 mA, zener diode 6.2 V, 20 mA, zener diode 3.0 V, 20 mA, zener diode 33 V, 3.8 mA, zener diode 14 V, 9.0 mA, zener diode 8.2 V, 20 mA, zener diode 2.8 V, 20 mA, zener diode 6.8 V, 20 mA, zener diode 75 V, 1.7 mA, zener diode 10 V, 20 mA, zener diode 47 V, 2.7 mA, zener diode 75 V, 1.7 mA, zener diode 51 V, 2.5 mA, zener diode 100 V, 1.3 mA, zener diode 8.7 V, 20 mA, zener diode 22 V, 5.6 mA, zener diode
|
LRC[Leshan Radio Company] 乐山无线电股份有限公 Leshan Radio Company, Ltd.
|
ZHCS1006 ZHCS1006TA |
SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ”SuperBAT?/a> SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ??uperBAT??/td>
| SOT-23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE SuperBAT SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE B>SuperBAT DIODE SCHOTTKY SOT-23 肖特基二极管采用SOT - 23 High Current Schottky Diode
|
Fairchild Semiconductor Zetex Semiconductors Zetex Semiconductor PLC
|
X40030S14-A X40030S14-B X40031S14-A X40031S14-B X4 |
THYRISTOR/DIODE MODULE, 50A 1400VTHYRISTOR/DIODE MODULE, 50A 1400V; Voltage, Vrrm:1400V; Current, It av:50A; Case style:SEMIPACK 1; Current, It rms:95A; Current, Itsm:1500A; Voltage, Vgt:3V; Current, Igt:150mA; Centres, fixing:80mm; Triple Voltage Monitor with Intergrated CPU Supervisor
|
Intersil Corporation
|
STK22C48-P45 STK22C48-P45I STK22C48-N20 STK22C48-N |
DIODE TVS 170V 400W UNI 5% SMA DIODE TVS 17V 400W BIDIR 5% SMA SCR Thyristor; Thyristor Type:Standard Gate; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):65A; Peak Non Repetitive Surge Current, Itsm:950A; Gate Trigger Current Max, Igt:50uA RoHS Compliant: Yes DIODE TVS 100V 400W UNI 5% SMA DIODE TVS 10V 400W UNI 5% SMA DIODE TVS 30V 400W BIDIR 5% SMA NVRAM (EEPROM Based) DIODE TVS 120V 400W BIDIR 5% SMA DIODE TVS 300V 400W UNI 5% SMA DIODE TVS 36V 400W UNI 5% SMA DIODE TVS 130V 400W UNI 5% SMA DIODE TVS 180V 400W UNI 5% SMA DIODE TVS 18V 400W BIDIR 5% SMA DIODE TVS 200V 400W UNI 5% SMA DIODE TVS 150V 400W BIDIR 5% SMA NVRAM中(EEPROM的基础 DIODE TVS 20V 400W BIDIR 5% SMA NVRAM中(EEPROM的基础 DIODE TVS 400V 400W UNI 5% SMA NVRAM中(EEPROM的基础
|
ZETTLER electronics GmbH Electronic Theatre Controls, Inc.
|
1N5223BT50R 1N5231BTR 1N5231BT26A 1N5231BT50A 1N52 |
surface mount silicon Zener diodes 6.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 16V, 0.5W Zener Diode 33V, 0.5W Zener Diode 12V, 0.5W Zener Diode 13V, 0.5W Zener Diode 10V, 0.5W Zener Diode 25V, 0.5W Zener Diode 22V, 0.5W Zener Diode 30V, 0.5W Zener Diode 15V, 0.5W Zener Diode 27V, 0.5W Zener Diode 6.8V, 0.5W Zener Diode 11V, 0.5W Zener Diode 6.0V, 0.5W Zener Diode 4.7V, 0.5W Zener Diode 8.7V, 0.5W Zener Diode 6.2V, 0.5W Zener Diode 8.2V, 0.5W Zener Diode 9.1V, 0.5W Zener Diode 7.5V, 0.5W Zener Diode 4.3V, 0.5W Zener Diode 3.9V, 0.5W Zener Diode 3.6V, 0.5W Zener Diode 2.4V, 0.5W Zener Diode 3.3V, 0.5W Zener Diode 5.6V, 0.5W Zener Diode 5.1V, 0.5W Zener Diode 2.7V, 0.5W Zener Diode 14V, 0.5W Zener Diode 18V, 0.5W Zener Diode 20V, 0.5W Zener Diode 24V, 0.5W Zener Diode 19V, 0.5W Zener Diode
|
Fairchild Semiconductor, Corp.
|
STIP10 STI60 STI80 STI90 STIP805 STIP60 |
SURGE ARRESTER GDT 90V SMD DIODE TVS 9.1V 600W BIDIR 5% SMB TRANSISTOR | BJT | NPN | 900V V(BR)CEO | 1A I(C) | TO-5 DIODE TVS 47V 600W UNIDIR 5% SMB 晶体管|晶体管|叩| 600V的五(巴西)总裁| TO - 39封装 Triac; Thyristor Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:10mA; Current, It av:8A; Gate Trigger Current Max, Igt:10mA; Holding Current:15mA RoHS Compliant: Yes
|
|
1N3305 1N3307B 1N3312B 1N3323B 1N3314B 1N3310B 1N3 |
Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 22 V, 50 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-203AB Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 140 V, 50 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-203AB Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 10 V, 50 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-203AB Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 250 的低电流运算,低反向泄露,低噪声稳压二极 Zener Voltage Regulator Diode 齐纳稳压二极 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 9.1 V, 50 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-203AB Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 160 V, 50 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-203AB SILICON 50 WATT ZENER DIODES Low Current Operation at 250?录A茂录?Low Reverse Leakage,Low Noise Zener Diode(250?录A氓路楼盲陆?莽?碌忙碌?茫??氓掳?氓??氓??忙录?莽?碌忙碌?茫??盲陆?氓?陋氓拢掳茫??茅陆?莽潞鲁盲潞?忙??莽庐隆) Low Current Operation at 250 锛?ow Reverse Leakage,Low Noise Zener Diode
|
TE Connectivity, Ltd. Hammond Manufacturing Co., Ltd. STMicroelectronics N.V. B&K Precision, Corp. Microsemi, Corp. MICROSEMI[Microsemi Corporation] MICROSEMI CORP-SCOTTSDALE
|
1N5300-1 1N5301-1 1N5287-1 1N7048-1 1N7050-1 1N705 |
Current Regulator Diode Series Current Regulator Diode Series 1N5283-1 thru 1N5314-1 & 1N7048-1 thru 1N7055-1 Current Regulator Diode Series
|
Aeroflex Circuit Technology Aeroflex Circuit Techno...
|
CMPZDC9V1 CMPZDC10V CMPZDC11V CMPZDC12V CMPZDC13V |
DUAL ZENER DIODE DUAL ZENER DIODE 350mW SMD Zener Diode Dual: Common Cathode From old datasheet system Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 2.7 V, 0.35 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250 锛?ow Reverse Leakage,Low Noise Zener Diode
|
Central Semiconductor C... CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
ZHCS350TC ZHCS350 ZHCS350TA |
High Current Schottky Diode From old datasheet system AM29LV081B-120EC 8MBIT FLASH SOD523 40V LOW VF SCHOTTKY BARRIER DIODE 0.51 A, SILICON, SIGNAL DIODE
|
Diodes Incorporated ZETEX[Zetex Semiconductors] Zetex Semiconductor PLC
|
CD5290 CD5291 CD5292 CD5293 CD5294 CD5295 CD5296 C |
Current Limiter Diode CURRENT REGULATOR CHIPS
|
MICROSEMI[Microsemi Corporation]
|
|