PART |
Description |
Maker |
CH250S0080 |
SCHOTTKY RECTIFIER FET PROTECTION DIE From old datasheet system RECTIFIER DIODE,SCHOTTKY,CHIP
|
MICROSEMI[Microsemi Corporation]
|
B120B10 B1XX-13-F B1XXB-13-F B150-13-F B140-13-F B |
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER RECTIFIER SCHOTTKY SINGLE 1A 50V 30A-Ifsm 0.7Vf 0.5A-IR SMA 5K/REEL 1 A, 50 V, SILICON, SIGNAL DIODE
|
Diodes Incorporated http:// Diodes, Inc.
|
C3D06060A |
Silicon Carbide Schottky Diode Z-Rec Rectifier 600-Volt Schottky Rectifier
|
Cree, Inc
|
U2JC44 U2BC44 U2GC44 |
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE GENERAL PURPOSE RECTIFIER APPLICATIONS TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
15TQ060S 15TQ060 15TQ060STRL |
SCHOTTKY RECTIFIER SCHOTTKY RECTIFIER 肖特基整流器 SCHOTTKY RECTIFIER 15 Amp 60V 15A Schottky Discrete Diode in a D2-Pak package 60V 15A Schottky Discrete Diode in a TO-220AC package
|
International Rectifier, Corp. IRF[International Rectifier]
|
MBRF20200CT-D |
SWITCHMODE Schottky Power Rectifier 20A 200V Schottky Rectifier
|
ON Semiconductor
|
CRSH3 CRSH3-2 CRSH3-3 CRSH3-4 CRSH3-5 CRSH3-6 |
Leaded Rectifier Schottky SCHOTTKY BARRIER RECTIFIER 3.0 AMPS, 20 THRU 60 VOLTS
|
Central Semiconductor Corp
|
MBRD1035CTL MBRD1035CTLT4 MBRD1035CTLT4G |
10A 35V Schottky Rectifier SWITCHMODE Schottky Power Rectifier
|
ON Semiconductor
|
SMBSR106 SMB5817 SMB5819 SMB5818 SMBSR108 |
(SMBSR105 - SMBSR1010) 1A Schottky Rectifier (SMB5817 - SMB5819) 1A Schottky Rectifier
|
Microsemi
|
WP05R WP05R24D05 WP05R24D12 WP05R24D15 WP05R24S03 |
5 Watt Regulated Small Package DC/DC Converter 5 WATT UNREGULATED SMALL PACKAGE DC/DC CONVERTER RECTIFIER SCHOTTKY SINGLE 1A 20V 22A-Ifsm 0.36Vf 1A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 2A 30V 33A-Ifsm 0.42Vf 1A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 2A 20V 40A-Ifsm 0.42Vf 1A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 2A 30V 75A-Ifsm 0.45Vf 0.2A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 1A 40V 50A-Ifsm 0.55Vf 0.5A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 1A 60V 50A-Ifsm 0.5Vf 0.1A-IR PowerDI-123 3K/REEL
|
CANDD[C&D Technologies]
|
MBRS140LT3 MBRS140LT307 MBRS140LT3G |
Surface Mount Schottky Power Rectifier 1A 40V Low Vf Schottky Rectifier ; Package: SMB; No of Pins: 2; Container: Tape and Reel; Qty per Container: 2500 1 A, 40 V, SILICON, SIGNAL DIODE
|
ON Semiconductor
|