PART |
Description |
Maker |
T3441N |
Full blocking 50/60Hz over a wide range temperature range
|
Infineon Technologies A...
|
AM26LS32DCB AM26LS32JCTR AM26LS32/BEA AM26LS33/B2C |
Micropower Precision Shunt Voltage Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Wide Input Range, High Efficiency, Step-Down Switching Regulator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Low Noise, Rail-to-Rail Precision Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Positive High Voltage Hot Swap Controllers; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Line Receiver 线路接收
|
接收 Advanced Micro Devices, Inc.
|
HM62V8100LBPI-5SL HM62V8100LTTI-5SL HM62V8100I |
Wide Temperature Range Version 8 M SRAM (1024-kword 8-bit) 宽温版本八米的SRAM1024 - KWord的?8位) Wide Temperature Range Version 8 M SRAM (1024-kword ′ 8-bit)
|
Renesas Electronics, Corp. Renesas Electronics Corporation.
|
EDD10163BBH-5BLS-F EDD10163BBH-6ELS-F EDD10163BBH- |
64M X 16 DDR DRAM, 5 ns, PBGA60 1G bits DDR Mobile RAM WTR (Wide Temperature Range), Low Power Function 1G bits DDR Mobile RAM垄芒 WTR (Wide Temperature Range), Low Power Function
|
ELPIDA MEMORY INC
|
HFTV1108GS-TR |
Wide temperature range
|
STANLEY ELECTRIC CO.,LT...
|
EDD12322GBH-7FTS-F EDD12322GBH-6ETS-F EDD12322GBH- |
128M bits DDR Mobile RAM?/a> WTR (Wide Temperature Range) 128M bits DDR Mobile RAM WTR (Wide Temperature Range) 128M bits DDR Mobile RAM垄芒 WTR (Wide Temperature Range)
|
Elpida Memory
|
EDD10323BBH-5BLS-F EDD10323BBH-6ELS-F EDD10323BBH- |
1G bits DDR Mobile RAM WTR (Wide Temperature Range), Low Power Function 1G bits DDR Mobile RAM垄芒 WTR (Wide Temperature Range), Low Power Function
|
Elpida Memory
|
KP1H330KC KP1H330KR KP1H330KS KP1H330KT KP1H330LC |
CHIP TYPE, NON-POLARIZED WITH WIDE TEMPERATURE RANGE
|
DB Lectro Inc
|
EDS6416AHTA-TI EDS6416AHTA-75TI-E |
64M BITS SDRAM WTR (WIDE TEMPERATURE RANGE)
|
Elpida Memory
|
EDS2516APTA-TI-E EDS2516APTA-75TI-E |
256M bits SDRAM WTR (Wide Temperature Range)
|
Elpida Memory, Inc.
|