PART |
Description |
Maker |
M27V402 M27V402-120B1TR M27V402-120B4TR M27V402-12 |
4 Mbit 256Kb x 16 Low Voltage UV EPROM and OTP EPROM 4兆位56Kb × 16低压紫外线存储器和OTP存储 Quadruple 2-Input Positive-AND Gates 14-SOIC 0 to 70 Quadruple 2-Input Positive-AND Gates 14-SO 0 to 70 Hex Inverters 14-SO 0 to 70 Quadruple 2-Input Positive-NOR Gates 14-PDIP 0 to 70 Quadruple 2-Input Positive-NAND Gates 14-PDIP 0 to 70 Quadruple 2-Input Positive-NOR Gates 14-SOIC 0 to 70 Hex Inverters 14-SOIC 0 to 70 Switch Mode Power Supply; Series:ZWS; Output Voltage:15VDC; Output Power Max:10W; Output Current:0.7A; Number of Outputs:1; Supply Voltage Max:265VAC; Supply Voltage Min:85VAC Switch Mode Power Supply; Output Power:100W; No. of Outputs:1; Output 1 VDC :12VDC; Output Current 1:8.5A; Power Supply Mounting:Open Frame; Approval Bodies:UL, CSA, CE; External Depth:222mm; External Width:62mm RoHS Compliant: Yes Switch Mode Power Supply; Series:ZWS; Output Voltage:12VDC; Output Power Max:10W; Output Current:0.85A; Number of Outputs:1; Supply Voltage Max:265VAC; Supply Voltage Min:85VAC Hex Inverters 14-PDIP 0 to 70 From old datasheet system 4 Mbit 512Kb x 8 Low Voltage OTP EPROM 4 Mbit 512Kb x8 Low Voltage UV EPROM and OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
BPHE010C20114 PLKBPHE010C201 |
AC Input 90~264Vac SCP / OTP / OVP AC Input 90-264Vac
|
LinkCom Manufacturing Co., Ltd. LinkCom Manufacturing C...
|
WMSAW06D-05-1000XAY WMSAW06D-05-1000XBY WMSAW06D-0 |
Universal Input Voltage of 90~264VAC
|
Wall Industries,Inc.
|
LSP400224001 |
AC Input 90~264Vac SCP / OVP / OCP
|
LinkCom Manufacturing Co., Ltd.
|
BPHE010C40114 |
AC Input 90~264Vac SCP / OTP / OVP
|
LinkCom Manufacturing Co., Ltd.
|
BPHE010C45114 |
AC Input 90~264Vac SCP / OTP / OVP
|
LinkCom Manufacturing Co., Ltd.
|
ACE254RUW1A CAR2548FP-14 CAR2548FPZ01A |
90Vac to 264Vac 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
|
Lineage Power Corporation Lineage Power Corporati...
|
ACE254RUW1A |
90Vac to 264Vac -54Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
|
Lineage Power Corporation
|
BPCN030C701 BPCN030C70114 |
AC TO PC LED POWER SUPPLY AC Input 90~264Vac Protection: OVP / OTP / SCP
|
LinkCom Manufacturing Co., Ltd.
|
D2HW-BL202M D2HW-BL211M D2HW-BL213MR D2HW-BL211DL |
SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 2A, 12VDC, 1.4mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 2A, 12VDC, 1.6mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 2A, 12VDC, 1.6mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 2A, 12VDC, 1.6mm, THROUGH HOLE-RIGHT ANGLE
|
|
WMMPU12A-102 WMMPU12A-105 WMMPU12A-108 WMMPU12B-10 |
90 - 264VAC Input Voltage Range Medical Approvals 12 Watt, Single Outputs
|
Wall Industries,Inc.
|