PART |
Description |
Maker |
RE027 |
RE027 [Updated 2/03. 9 Pages] RE027 is a low drop out (LDO) voltage regulator macrocell with a fixed 2.8V output voltage. rated for loads up to 130 A Low Drop Out (LDO) voltage regulator macrocell with a fixed 2.8V output voltage, rated for loads of up to 130 mA. A typical application is radio section supply in mobile terminals.
|
Atmel
|
AD8677 AD8677ARZ AD8677ARZ-REEL AD8677ARZ-REEL7 AD |
130 UV MAXIMUM OFFSET VOLTAGE OP AMP IN TSOT
|
AD[Analog Devices]
|
ZGL41-130-E3/96 |
130 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB
|
VISHAY SEMICONDUCTORS
|
MC13110AFB MC13110AFTA MC13110BFB MC13110BFTA MC13 |
CONVERTER, DC/DC, 1O/P, 5W, 3.3V; Power rating:5W; DC/DC Converter O/P type:Single; Voltage, input max:36V; Voltage, input min:9V; Voltage, output UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
|
Motorola, Inc.
|
BSS38 |
RP10 (E) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 12V; 2:1 Wide Input Voltage Range; 10 Watts NPN SILICON TRANSISTOR
|
MICRO-ELECTRONICS[Micro Electronics]
|
BSP52 BSP50 BSP51 |
NPN Silicon Darlington Transistors RP10 (E) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 3.3V; 2:1 Wide Input Voltage Range; 10 Watts
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
BSS98 Q62702-S635 Q62702-S053 Q62702-S517 SIEMENSA |
RP10 (EW) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 15V; 4:1 Wide Input Voltage Range; 10 Watts SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
PQ60120EGW07XYS PQ60150EGW05XYS PQ60015EGW20XYS PQ |
Input under-voltage lockout disables converter at low input voltage conditions
|
SynQor Worldwide Headqu...
|
PQ50090QGB11 PQ50090QGB11NNS |
Input under-voltage lockout disables converter at low input voltage
|
SynQor Worldwide Headqu...
|
P6AU-2415E P6AU-0505 P6AU-0505E P6AU-0512E P6AU-05 |
Input voltage:5V, output voltage 3.3V (300mA), 1KV isolated 1W unregulated single output Input voltage:5V, output voltage 15V (70mA), 1KV isolated 1W unregulated single output Input voltage:5V, output voltage 7.2V (140mA), 1KV isolated 1W unregulated single output 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP4 1KV交隔W的未稳压单输出学校改善工 Input voltage:5V, output voltage 12V (100mA), 1KV isolated 1W unregulated single output
|
PEAK[PEAK electronics GmbH] Electronic Theatre Controls, Inc.
|
ISL576104 ISL5761_2IA ISL5761_2IAZ ISL5761_2IB ISL |
10-bit, 3.3V, 130 MSPS, high speed D/A converter. Clock speed 130 MHz. 10-bit, 3.3V, 130/210 MSPS, High Speed D/A Converter
|
Intersil Corporation
|
2SC1653 |
High DC current gain.hFE=130 typ.(VCE=3.0V,IC=15mA) High voltage VCEO : 130V
|
TY Semiconductor Co., Ltd
|