PART |
Description |
Maker |
TEL-2A20 |
VCSEL for gener al purpose From old datasheet system
|
List of Unclassifed Manufacturers ETC[ETC]
|
2SK2530 2SK2530TP-FA |
2000 mA, 250 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET N-Channel Silicon MOSFET Ultrahigh-Speed Switching Applications
|
SANYO[Sanyo Semicon Device]
|
2SK3980 |
900 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET N-Channel Silicon MOSFET General-Purpose Switching Device
|
Sanyo Semicon Device
|
ECH8602M |
6 A, 30 V, 0.031 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET N-Channel Silicon MOSFET
|
Sanyo Semicon Device
|
SCH2602 |
350 mA, 30 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
|
SANYO SEMICONDUCTOR CO LTD Sanyo Semicon Device
|
EMH2602 |
3500 mA, 30 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
|
SANYO SEMICONDUCTOR CO LTD Sanyo Semicon Device
|
IRLZ24N-006 IRL530N-015PBF IRL530N-031PBF IRL2505- |
18 A, 55 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 100 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 104 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 120 A, 30 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 100 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 39 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 61 A, 20 V, 0.013 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 56 A, 30 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 85 A, 20 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 100 A, 30 V, 0.007 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 24 A, 30 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 27 A, 55 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 41 A, 55 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 20 V, 0.016 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 77 A, 55 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. Vishay Intertechnology, Inc.
|
2SK544E 2SK544D 2SK544 |
N-Channel Silicon MOSFET FM Tuner, VHF Amplifier Applications Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 30MA I(D) | SPAK
|
SANYO
|
2SK3781-01R |
DIODE SCHOTTKY SINGLE 25V 200mW 0.33V-vf 200mA-IFM 2mA-IF 0.5uA-IR SOD-323 3K/REEL 73 A, 200 V, 0.036 ohm, N-CHANNEL, Si, POWER, MOSFET N-CHANNEL SILICON POWER MOSFET
|
Fuji Electric Holdings Co., Ltd. FUJI[Fuji Electric]
|
FDP100N10 |
N-Channel PowerTrenchMOSFET 75 A, 100 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel PowerTrench㈢ MOSFET N-Channel PowerTrench? MOSFET
|
Fairchild Semiconductor, Corp.
|
|