PART |
Description |
Maker |
2812018 |
Basic terminal block with screw connection, for component and fuse connectors, cross section: 0.2 - 4 mm2, AWG: 28 - 12, width: 6.2 mm, color: gray Basic terminal block with screw connection, for component and fuse connectors, cross section: 0.2 - 4 mm?, AWG: 28 - 12, width: 6.2 mm, color: gray
|
List of Unclassifed Manufacturers ETC[ETC] Phoenix Contact
|
Z2.302.0421.0 |
Terminal Block Ground Block; No. of Positions:1; Wire Size (AWG):2/0-6; Mounting Type:DIN Rail; Color:Yellow/Green MODULAR TERMINAL BLOCK
|
Wieland Electric, Inc. WIELAND ELECTRIC INC
|
1608670000 |
Terminal Block; Wire Size (AWG):22-8; Mounting Type:DIN Rail; Color:Green/Yellow; Terminal Block Clamp Type:Tension Clamp MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
25.340.0553.0 |
Terminal Block; No. of Positions:5; Pitch Spacing:0.2"; Mounting Type:PC Board; Color:Light Gray; No. of Contacts:5; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Wieland Electric, Inc.
|
25.352.4353.0 25.350.4153.0 99.213.9996.2 25.352.3 |
Terminal Block; Mounting Type:PC Board; Terminal Block Clamp Type:Screw Clamp 12 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Strip; No. of Positions:5; Pitch Spacing:0.2"; Mounting Type:PC Board; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes PCB PIN STRIP 8213 S / 12 W OB GR OF RoHS Compliant: Yes
|
Wieland Electric, Inc. WIELAND ELECTRIC INC
|
38770-0407 38770-0207 38770-0607 38770-0420 38770- |
CB BTS ET 7 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS BRS 7 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS ONESCR 7 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS ET 20 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS STD 28 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS ONESCR 10 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS STD 9 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS BRS 18 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS STD 18 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:3; Pitch Spacing:0.375"; Wire Size (AWG):24-12; Mounting Type:Screw; Body Material:Glass-Filled Thermoplastic; Current Rating:20A; Number of Rows:2 Terminal Block; No. of Positions:4; Pitch Spacing:0.375"; Wire Size (AWG):24-12; Mounting Type:Screw; Current Rating:20A; No. of Rows:2; Terminal Block Clamp Type:Barrier Terminal Block; Voltage Rating:150V RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
DL5224 DL5279 DL5267 DL5243 DL5226 DL5242 DL5223 |
Terminal Block; Number of Positions:2; Wire Size (AWG):14-2; Number of Contacts:2; Terminal Block Clamp Type:Power Block Splicer RES 499K-OHM 0.1% 0.25W 25PPM THIN-FILM SMD-1206 TR-7-PA ROHS surface mount silicon Zener diodes 13 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE RES 49.9K-OHM 0.1% 0.25W 25PPM THIN-FILM SMD-1206 TR-7-PA ROHS 180 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Terminal Block; Number of Positions:2; Number of Contacts:2; Terminal Block Clamp Type:Power Stud Block
|
Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
39880-0109 39880-0107 39880-0104 39880-0113 MOLEXI |
15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; Number of Positions:4; Pitch Spacing:0.2"; Wire Size (AWG):30-12; Mounting Type:PC Board; Body Material:PA Polyamide (Nylon); Color:Black; Contact Plating:Tin; Current Rating:15A; Number of Rows:1
|
MOLEX INC
|
39100-1002 39100-1003 39100-1004 39100-1005 39100- |
391001306 12MM LOW PROFILE W/WIRE PROTEC 3 ASY 12MM LOW PROFILE W/WIRE PROTEC 7 ASY 12MM LOW PROFILE W/WIRE PROTEC 9 ASY Terminal Block; No. of Positions:10; Pitch Spacing:0.472"; Wire Size (AWG):20-8; Mounting Type:Screw; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 40 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERMINAL STRIP 3POS 15MM 63 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERMINAL STRIP 3POS 12MM 40 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:10; Pitch Spacing:0.591"; Wire Size (AWG):14-6; Mounting Type:Screw; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 63 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; Number of Positions:10; Pitch Spacing:0.394"; Wire Size (AWG):18-10; Mounting Type:Screw; Terminal Block Clamp Type:Screw Clamp 30 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK 8.00mm (.315? Pitch 10.00mm (.394? Pitch 12.00mm (.472? Pitch 15.00mm (.591? Pitch Eurostyle? Two-Screw Terminal Strip 10MM HIGH PROFILE W/WIRE PROTEC 11 ASY 30 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK 15MM HIGH PROFILE W/WIRE PROTEC 11 ASY 63 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK 10MM LOW PROFILE W/WIRE PROTEC 11 ASY 30 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK 12MM LOW PROFILE W/WIRE PROTEC 11 ASY 40 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK 8.00mm (.315隆卤) Pitch 10.00mm (.394隆卤) Pitch 12.00mm (.472隆卤) Pitch 15.00mm (.591隆卤) Pitch Eurostyle垄莽 Two-Screw Terminal Strip
|
MOLEX INC Molex, Inc. Molex Electronics Ltd.
|
CZRB2350 CZRB2120 CZRB2220 CZRB2320 CZRB2340 CZRB2 |
Surface Mount Zener Diodes Terminal Block Wire Size (AWG):22-12; Terminal Block Type:Screw Clamp; Mounting Type:DIN Rail RoHS Compliant: Yes Low Current Operation at 250 锛?ow Reverse Leakage,Low Noise Zener Diode
|
COMCHIP[Comchip Technology] Comchip Technology Co., Ltd.
|
|