PART |
Description |
Maker |
0311087 |
Test disconnect terminal block - URTK/S - 0311087
|
PHOENIX CONTACT
|
3210185 |
PIT 2,5-TG, Disconnect terminal block
|
PHOENIX CONTACT
|
MY51W MY51 MY51C MY51D MY51T |
Terminal Block; Number of Positions:3; Wire Size (AWG):14-4; Number of Contacts:3; Terminal Block Clamp Type:Power Distribution Block YELLOW LED LAMPS
|
MICRO-ELECTRONICS[Micro Electronics]
|
DNFR18-250FIB-C DNFR14-250B-C |
Female Disconnect Solderless Terminal; Wire Size (AWG):22-18; Tab Width:0.250"; Insulator Color:Red RoHS Compliant: Yes BRASS, TIN FINISH, PUSH-ON TERMINAL DISCONNECT FLAG 16-14AWG .205,0 2.5 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL
|
Panduit, Corp.
|
0550420000 0269120000 0437720000 0437920000 044542 |
Disconnect and modular disconnect terminal, 6 mm2, Screw connection, KrG, Medium yellow, TS 32
|
Weidmuller
|
12-142 13-142 |
Terminal Block; Number of Positions:12; Pitch Spacing:0.563"; Wire Size (AWG):10; Color:Black; Leaded Process Compatible:No; Number of Contacts:12; Peak Reflow Compatible (260 C):No 30 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CONN BARRIER BLOCK .563 13 POS 30 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK
|
Cinch Connectors
|
1-1546018-0 2-1546018-0 2-1546018-2 2-1546018-1 2- |
TERMINAL BLOCK PLUG 90/180 DEGREE 5.0mm PITCH BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Tyco Electronics
|
39870-0304 |
Terminal Block; Pitch Spacing:0.197"; Body Material:Nylon 6/6; No. of Contacts:4; No. of Rows:1; Series:Beau Eurostyle 15 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
999342 |
Terminal Block; No. of Positions:16; Pitch Spacing:0.13"; Wire Size (AWG):24-12; Mounting Type:PC Board; Leaded Process Compatible:Yes RoHS Compliant: Yes 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
DL5224 DL5279 DL5267 DL5243 DL5226 DL5242 DL5223 |
Terminal Block; Number of Positions:2; Wire Size (AWG):14-2; Number of Contacts:2; Terminal Block Clamp Type:Power Block Splicer RES 499K-OHM 0.1% 0.25W 25PPM THIN-FILM SMD-1206 TR-7-PA ROHS surface mount silicon Zener diodes 13 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE RES 49.9K-OHM 0.1% 0.25W 25PPM THIN-FILM SMD-1206 TR-7-PA ROHS 180 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Terminal Block; Number of Positions:2; Number of Contacts:2; Terminal Block Clamp Type:Power Stud Block
|
Micro Commercial Components Corp. Micro Commercial Components, Corp.
|