PART |
Description |
Maker |
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
LT1117CST-2.85 LT1117CST-3.3 LT1117-3.3 LT1117-5 L |
800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V 800mA的低压差可调和固定工作在2.85V.3VV的正稳压 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V 2.85 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V/ 3.3V/ 5V 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V 3.3V 5V From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
ADP1109AN ADP1109AN-33 ADP1109AN-5 ADP1109AR ADP11 |
Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-DC Converter Micropower Low Cost Fixed 3.3 V/ 5 V/ 12 V and Adjustable DC-to-DC Converter CIR 55C 55#16 PIN RECP WALL Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter 1.2 A SWITCHING REGULATOR, 120 kHz SWITCHING FREQ-MAX, PDIP8 Voltage-Mode SMPS Controller 1.2 A SWITCHING REGULATOR, 155 kHz SWITCHING FREQ-MAX, PDSO8
|
Analog Devices, Inc. http://
|
ADP667 ADP667AN ADP667AR |
5 V Fixed/ Adjustable Low-Dropout Linear Voltage Regulator 5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDIP8 5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
MAX6037CAUK41 MAX6037CAUKADJ MAX6037 MAX6037AAUK12 |
Low-Power, Fixed and Adjustable Reference with Shutdown in SOT23 GT 16C 16#16 PIN PLUG 低功耗,固定和可调参考关机采用SOT23 Low-Power, Fixed and Adjustable Reference with Shutdown in SOT23 1-OUTPUT THREE TERM VOLTAGE REFERENCE, PDSO5 Low-Power, Fixed and Adjustable Reference with Shutdown in SOT23 低功耗,固定和可调参考关机采用SOT23
|
Maxim Integrated Produc... MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
SPX29150 SPX29150T SPX29150T-1.8 SPX29150T-2.5 SPX |
1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 1.5A的高电流低压差稳压器可调 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time 1.5A的低压差线性稳压器可调 128 x 128 pixel format, LED or EL Backlight available 1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time 1.5A Low Dropout Voltage Regulator, 1%
|
Electronic Theatre Controls, Inc. SIPEX[Sipex Corporation]
|
APE1085S15 APE1085S18 APE1085P15 APE1085P18 APE108 |
3A Low Dropout Positive Adjustable or Fixed-Mode Regulator A低压差正可调或固定模式稳压器 3A Low Dropout Positive Adjustable or Fixed-Mode Regulator ADJUSTABLE POSITIVE LDO REGULATOR, PSSO3
|
Advanced Power Electronics, Corp. Advanced Power Electronics Corp.
|
IRU1206 IRU1206-18 IRU1206-18CD IRU1206-18CY IRU12 |
1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS 1A非常低压差正,固定和可调调节 (IRU1206 - IRU1209) 1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS 1A Fixed LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 1A Fixed LDO Linear Regulator in a SOT-223 3-Leads package 1A Fixed LDO Linear Regulator in a SOIC 8-Lead package 1A Adj LDO Linear Regulator in a SOIC 8-Lead package
|
International Rectifier, Corp. IRF[International Rectifier]
|
AP1086D18A AP1086K50A AP1086K50L AP1086K50LA AP108 |
1.8 V; 1.5 A low dropout positive adjustable or fixed-mode regulator 5.0 V; 1.5 A low dropout positive adjustable or fixed-mode regulator Adj; 1.5 A low dropout positive adjustable or fixed-mode regulator 1.5 V; 1.5 A low dropout positive adjustable or fixed-mode regulator 2.5 V; 1.5 A low dropout positive adjustable or fixed-mode regulator 3.3 V; 1.5 A low dropout positive adjustable or fixed-mode regulator
|
Anachip
|
LX8585A-00CDD LX8585A-00 LX8585A-00CP LX8585A-15 L |
4.6A LOW DROPOUT POSITIVE REGULATORS 4.6a进入阳性率低压差调节器 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS Positive Adjustable Voltage Regulator From old datasheet system Low Drop Out Regulator - Positive Adjustable Low Drop Out Regulator - Positive Fixed
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|