PART |
Description |
Maker |
2PD601AR 2PD601ASW 2PD601ART/R 2PD601AQ 2PD601AQW |
100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PLASTIC, SC-59A, TO-236, 3 PIN NPN general purpose transistors; 50 V, 100 mA
|
NXP Semiconductors N.V.
|
2N4400Q ZTX360L BCY65EP BCY65EPM1TA ZETEXPLC-BCY65 |
600 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR 1000 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR 100 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR 800 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
ZETEX PLC DIODES INC
|
2N2837 2N2242 2N2501 2N2377 2N2378 2N2539 2N2509 2 |
Leaded Small Signal Transistor General Purpose Small Signal Transistors 65 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Small Signal Transistors 800 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Thermal Transfer Label Printer Tape; Color:White; External Height:.31"; Material:Polyolefin; Print-On Area:100ft 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
CENTRAL[Central Semiconductor Corp] ETC Central Semiconductor Corp. Central Semiconductor, Corp. Central Semiconductor C...
|
DDTC143ECA DDTC124ECA DDTC144ECA DDTC123ECA2 DDTC1 |
NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated Diodes, Inc.
|
2SD1304S |
Si NPN Epitaxial Planar 100 mA, 23 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236
|
Panasonic, Corp.
|
BC108PM1TC BC108PM1TA ZTX108STOB ZTX237M1TA ZTX237 |
200 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR TO-92 STYLE, E-LINE PACKAGE-3 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR 200 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Zetex Semiconductor PLC Diodes, Inc. ZETEX PLC
|
BC848CWT1 |
General Purpose Transistors NPN Silicon(硅NPN通用晶体 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
ON Semiconductor
|
MPS6521 |
NPN Low Level Amplifier; Package: TO-92; No of Pins: 3; Container: Bulk 100 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
BC546TFR BC546ABU |
NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Tape & Reel 100 mA, 65 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Bulk 100 mA, 65 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
|