PART |
Description |
Maker |
IRF9240 IRF9240-15 |
Simple Drive Requirements TRANSISTORS P-CHANNEL(Vdss=-200V, Rds(on)=0.5ohm, Id=-11A) HEXFET?TRANSISTORS 200V, P-CHANNEL 11 A, 200 V, 0.58 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-204AA
|
IRF[International Rectifier]
|
FSL9230D FSL9230D1 FSL9230D3 FSL9230R FSL9230R1 FS |
3A, -200V, 1.50 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs 3A 200V的电压,1.50欧姆,拉德硬,SEGR性,P通道功率MOSFET 3A, -200V, 1.50 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs 3 A, 200 V, 1.5 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-205AF From old datasheet system 3A/ -200V/ 1.50 Ohm/ Rad Hard/ SEGR Resistant/ P-Channel Power MOSFETs
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
OM6039SM |
200V , 9 Amp, N-Channel Power MOSFET(200V , 9A,N沟道,功率MOS场效应管) 00V安培,N沟道功率MOSFET(为200V9A条,沟道,功率马鞍山场效应管
|
HIROSE ELECTRIC Co., Ltd.
|
IRFB42N20D |
200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=200V/ Rds(on)max=0.055ohm/ Id=44A)
|
International Rectifier
|
IRC640 |
200V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
|
IRF[International Rectifier]
|
IRFD210 |
200V Single N-Channel HEXFET Power MOSFET in a HEXDIP package Power MOSFET(Vdss=200V, Rds(on)=1.5ohm, Id=0.60A)
|
International Rectifier
|
IRF630NS IRF630NL IRF630N |
N-Channel Power MOSFETs 200V, 9.3A, 0.30-Ohm N-Channel Power MOSFETs 200V, 9.3A, 0.30з
|
FAIRCHILD[Fairchild Semiconductor]
|
IRF640 IRF640PBF |
200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package HEXFET? Power MOSFET Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
|
IRF[International Rectifier]
|
IRF9620S IRF9620STRL IRF9620STRR |
-200V Single P-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=-200V Rds(on)=1.5ohm Id=-3.5A) Power MOSFET(Vdss=-200V, Rds(on)=1.5ohm, Id=-3.5A) Power MOSFET(Vdss=-200V/ Rds(on)=1.5ohm/ Id=-3.5A)
|
IRF[International Rectifier]
|
IRFB38N20D IRFSL38N20D IRFS38N20D IRFS38N20DTRL |
Power MOSFET(Vdss=200V/ Rds(on)max=0.054ohm/ Id=44A) TRANSISTOR | MOSFET | N-CHANNEL | 200V V(BR)DSS | 44A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 200伏五(巴西)直|4A(丁)|63AB HEXFET? Power MOSFET Power MOSFET(Vdss=200V, Rds(on)max=0.054ohm, Id=44A)
|
International Rectifier, Corp. Fairchild Semiconductor IRF[International Rectifier]
|