PART |
Description |
Maker |
N-3U |
Cell Type N-3U
|
Sanyo Electric Co.,Ltd.
|
PDSN-14C |
2 CELL TYPE C BATTERY HOLDER
|
PowerDynamics, Inc
|
PDSN-14-2A PDSN-14-2B PDSN-14-2C |
4 CELL TYPE D BATTERY HOLDER
|
PowerDynamics, Inc
|
CR17335SE |
CELL TYPE CR17335SE SPECIFICATIONS
|
SANYO[Sanyo Semicon Device]
|
MAX1703ESE |
1-Cell to 3-Cell / High-Power 1.5A / Low-Noise / Step-Up DC-DC Converter
|
Maxim
|
C5403-31 C5403-30 |
1/3-inch CCD Video Camera Coin Cell PC Battery Holder, 12mm Cell
|
http:// HAMAMATSU[Hamamatsu Corporation] Hamamatsu Photonics
|
MM1433 |
IC for Control of Lithium-ion Batteries Charging (one cell ~ two cell)
|
Mitsumi
|
WR34615 |
3.6V Primary lithium-sulfur dioxide (Li-SO2) Power type D-size spiral cell
|
ETC[ETC]
|
ILC6382CIP-ADJ |
1-cell to 3 cell boost with true load disconnect
|
Impala Linear Corporation
|
MAX17049G MAX17049GT10 MAX17048 |
Micropower 1-Cell/2-Cell Li ModelGauge ICs
|
Maxim Integrated Products
|
EPF10K50RC240 EPF10K10LC84-4 EPF10K20TI144-4 EPF10 |
Embedded Programmable Logic Device Family IC,FPGA,1152-CELL,CMOS,QFP,144PIN,PLASTIC IC,FPGA,576-CELL,CMOS,LDCC,84PIN,PLASTIC IC,FPGA,360-CELL,CMOS,QFP,240PIN,PLASTIC
|
Altera Corporation
|
MCP73826 MCP73826-4.1VCHTR MCP73826-4.2VCHTR |
Single Cell Lithium-Ion Charge Management Controller The MCP73826 is a battery charger controller for single cell Li-Ion batteries. Using an external PMOS transistor, safe and fast charging ... The MCP73826 is a battery charger controller for single cell Li-Ion batteries. Using an external PMOS transistor, safe and fast charging of a single Li-Ion cell is accomplished. An overall system accuracy of 1% ensures that the cell capaci
|
Microchip Technology
|