PART |
Description |
Maker |
IRF3707Z IRF3707ZS IRF3707ZL |
30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package High Frequency Synchronous Buck Converters for Computer Processor Power
|
International Rectifier
|
IRFZ44VL IRFZ44VS IRFZ44VSTRR |
60V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=60V, Rds(on)=16.5mohm, Id=55A) (IRFZ44VL / IRFZ44VS) Power MOSFET
|
IRF[International Rectifier]
|
IRFI634G ORFO634G |
POWER MOSFET 功率MOSFET Power MOSFET(Vdss=250V / Rds(on)=0.45ohm / Id=5.6A) 250V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFUC20 IRFRC20 IRFUC20PBF |
600V Single N-Channel HEXFET Power MOSFET in a I-Pak package Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=2.0A) (IRFRC20 / IRFUC20) Power MOSFET
|
IRF[International Rectifier]
|
IRFBC30AS IRFBC30L IRFBC30AL IRFBC30ASTRL IRFBC30A |
600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 600V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=600V/ Rds(on)max=2.2ohm/ Id=3.6A) 600V,3.6A,N-Channel HEXFET Power MOSFET for SMPS(600V,3.6A,N沟道 HEXFET 功率MOS场效应管,用于开关模式电 Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A) 功率MOSFET(减振钢板基本\u003d 600V电压的Rds(on)最大值\u003d 2.2ohm,身份证\u003d 3.6A
|
IRF[International Rectifier] International Rectifier, Corp.
|
NTMFS4120N NTMFS4120NT1G NTMFS4120NT3G |
Power MOSFET 30 V, 31 A, Single N-Channel SO-8 Flat Lead ; Package: SO8FL / DFN6 5x6, 1.27P; No of Pins: 6; Container: Tape and Reel; Qty per Container: 1500 11000 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET Power MOSFET 30 V, 31 A, Single N-Channel, SO-8 Flat Lead
|
ON Semiconductor
|
PSX96B-133PQ160 PSX160-PQ240 PSX160-50MQ240 PSX96B |
-100V Single P-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRF9540NL with Lead-Free Packaging User Programmable Special Function ASIC -100V Single P-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR9120N with Standard Packaging -100V Single P-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR9120N with Lead Free Packaging 用户可编程ASIC的特殊功 -12V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7420 with Lead Free Packaging 用户可编程ASIC的特殊功 -150V Single P-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU6215 with Lead Free Packaging 用户可编程ASIC的特殊功 -12V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7410 with Lead-Free Packaging. 用户可编程ASIC的特殊功
|
Ironwood Electronics
|
NTD4810N NTD4810N-35G NTD4810N-1G NTD4810NT4G |
Power MOSFET 30 V, 54 A, Single N--Channel, DPAK/IPAK Power MOSFET 30 V, 54 A, Single N-Channel, DPAK/IPAK; Package: 3.5 mm IPAK, Straight Lead; No of Pins: 3; Container: Rail; Qty per Container: 75 8.6 A, 30 V, 0.0157 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
IRFR9214 IRFU9214 IRFRU9214 |
-250V Single P-Channel HEXFET Power MOSFET in a I-Pak package HEXFET? Power MOSFET Power MOSFET(Vdss=-250V, Rds(on)=3.0ohm, Id=-2.7A) HA1L-M1C53-G L6 Ovrsz ILL PB Rnd Flsh Mom SPDT 12V LED Sldr
|
IRF[International Rectifier]
|