PART |
Description |
Maker |
TISP61521D-S TISP61521D TISP61521DR-S TISP61521 TI |
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
|
Bourns Electronic Solutions
|
TISP61089AD TISP61089ASD TISP61089D TISP61089SD |
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
|
Bourns Electronic Solutions
|
TISP61089D TISP61089ASD |
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS TELECOM, SURGE PROTECTION CIRCUIT, PDSO8
|
Bourns Inc. Bourns, Inc.
|
TISP5190H3BJ TISP5110H3BJ |
FORWARD-CONDUCTING UNIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
|
Bourns Electronic Solut...
|
TISP5XXXH3BJ TISP5095H3BJ TISP5095H3BJR-S TISP5080 |
FORWARD-CONDUCTING UNIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS 95 V, 60 A, SILICON SURGE PROTECTOR, DO-214AA FORWARD-CONDUCTING UNIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS 80 V, 60 A, SILICON SURGE PROTECTOR, DO-214AA
|
Bourns Inc. Bourns, Inc.
|
WM2617CD WM2617 WM2617ID |
From old datasheet system DUAL 10-BIT SERIAL INPUT VOLTAGE DAC Dual 10-Bit Serial DAC with Power Down TVS UNIDIR 600W 8.5W SMB
|
WOLFSON[Wolfson Microelectronics plc]
|
Q62705-K274 KPY33-RK |
Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes Silicon Piezoresistive Relative Pressure Sensor
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
LS33401111 LY3340-M LG3340 LG3340-KN LG3340-L LG33 |
T1(3mm) LED LAMP T1毫米)发光二极管 Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
CLY32-00 CLY32-05 CLY32-10 CLY32 |
Standard Recovery Rectifier; Forward Current:25A; Forward Current Average:15.9A; Forward Current Avg Rectified, IF(AV):15.9A; Forward Surge Current Max, Ifsm:350A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 伊雷尔C波段砷化镓功率场效应 HiRel C-Band GaAs Power-MESFET
|
INFINEON[Infineon Technologies AG]
|
559-3201-007 559-3101-001 559-3001-007 |
T-1 3/4 DUAL COLOR LED, YELLOW/GREEN, 5 mm LED Lamp; LED Color:Red/Green; Luminous Intensity:20ucd; Forward Current:20mA; Forward Voltage:2.1V; Color:Red/Green; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No T-1 3/4 DUAL COLOR LED, RED/GREEN, 5 mm LED Indicator; Bulb Size:5mm; LED Color:Red/Green; Luminous Intensity:20ucd; Viewing Angle:80 ; Forward Current:20mA; Forward Voltage:2.1V; Operating Temperature Range:-55 C to 100 C; Color:Red/Green RoHS Compliant: No
|
Dialight PLC DIALIGHT CORP
|
SBL3040PT SBL3030PT |
Dual Schottky Rectifier, Forward Current 30A, Reverse Voltage 40V Dual Schottky Rectifier, Forward Current 30A, Reverse Voltage 30V
|
Vishay
|