PART |
Description |
Maker |
NTP75N03RG NTB75N03R NTB75N03RG |
Power MOSFET 75 A, 25V N-Channel, TO-220; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 75 A, 25 V, 0.013 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET 75 Amps, 25 Volts N?Channel D2PAK, TO?20
|
ON Semiconductor
|
NX3008PBKV NX3008PBKV-15 |
30 V, 220 mA dual P-channel Trench MOSFET 220 mA, 30 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
NXP Semiconductors N.V.
|
STP36NE06FP STP36NE06 5994 |
N-Channel 60V-0.032Ω-36A- TO-220/TO-220FP STripFETTM Power MOSFET(N沟道功率MOSFET) N沟道60V的,0.032Ω- 36A条,TO-220/TO-220FP STripFETTM功率MOSFET(不适用沟道功率MOSFET的) N - CHANNEL 60V - 0.032 - 36A - TO-220/TO-220FP STripFETTM POWER MOSFET From old datasheet system N - CHANNEL 60V - 0.032ohm - 36A - TO-220/TO-220FP STripFET POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
IRFIZ34N-004 IRFIZ46N-002 IRFIZ46N-029 IRFIZ46N-02 |
19 A, 55 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN 31 A, 55 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN 13 A, 55 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN 28 A, 55 V, 0.024 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN 2.1 A, 250 V, 2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN 21 A, 60 V, 0.042 ohm, N-CHANNE 28 A, 100 V, 0.025 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 56 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 4.5 A, 100 V, 0.54 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. JST Mfg. Co., Ltd. Vishay Intertechnology, Inc. Austin Semiconductor, Inc
|
STB200NF04 STB200NF04-1 STB200NF04T4 STP200NF04 |
30V N-Channel PowerTrench MOSFET 120 A, 40 V, 0.0037 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA N-CHANNEL 40V - 120A TO-220/D2PAK/I2PAK STRIPFET II POWER MOSFET N-CHANNEL POWER MOSFET N-CHANNEL 40V - 120 A - 3.3 mOHM TO-220/D2PAK/I2PAK STripFETII MOSFET 120 A, 40 V, 0.0037 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
IRF840 IRF820 IRFE430-JQR-B IRF741 IRFE210-JQR-BE4 |
8 A, 500 V, 0.85 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220 2.5 A, 500 V, 3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220 2.5 A, 500 V, 1.725 ohm, N-CHANNEL, Si, POWER, MOSFET 10 A, 350 V, 0.55 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220 1.8 A, 200 V, 1.725 ohm, Si, POWER, MOSFET 1.2 A, 400 V, 4.15 ohm, N-CHANNEL, Si, POWER, MOSFET 3.1 A, 100 V, 0.69 ohm, N-CHANNEL, Si, POWER, MOSFET 28 A, 100 V, 0.077 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220
|
SEMELAB LTD
|
STB7NC70Z STB7NC70Z-1 STP7NC70ZFP STP7NC70Z STB7NC |
N-CHANNEL 700V - 1.1ohm - 6A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH⑩III MOSFET N沟道高达700V - 1.1ohm - 6ATO-220/FP/D2PAK/I2PAK齐保护的PowerMESH⑩三MOSFET N-CHANNEL MOSFET N-CHANNEL 700V - 1.1 OHM - 6A TO-220/FP/D2PAK/I2PAK ZENER-PROTECTED POWERMESH III MOSFET N-CHANNEL 700V - 1.1ohm - 6A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESHIII MOSFET N-CHANNEL 700V - 1.1ohm - 6A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?III MOSFET
|
STMicroelectronics N.V. ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
STP1N120 |
channel 1200V - 30- 500mA - TO-220 Zener - protected SuperMESHPower MOSFET 通道1200 30 500mA20齐纳-保护SuperMESH⑩功率MOSFET channel 1200V - 30ヘ - 500mA - TO-220 Zener - protected SuperMESH⑩ Power MOSFET channel 1200V - 30Ω - 500mA - TO-220 Zener - protected SuperMESH Power MOSFET
|
STMicroelectronics N.V.
|
STP5NK65Z STP5NK65ZFP |
N-CHANNEL 650V 1.5 OHM 5A TO-220 ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 650V 1.5 OHM 5A TO-220 ZENER-PROTECTED SUPERMESH POWER MOSFET JFET; Breakdown Voltage, V(br)gss:-25V; Zero Gate Voltage Drain Current Min, Idss:100mA; Gate-Source Cutoff Voltage Max, Vgs(off):-9V; Continuous Drain Current, Id:100mA; Current Rating:100mA; Gate-Source Breakdown Voltage:-25V RoHS Compliant: No N-CHANNEL 650V - 1.5ohm - 5A TO-220 Zener-Protected SuperMESHPower MOSFET N-CHANNEL 650V - 1.5ohm - 5A TO-220 Zener-Protected SuperMESH⑩Power MOSFET N-CHANNEL 650V - 1.5ohm - 5A TO-220 Zener-Protected SuperMESH?Power MOSFET
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
STP16NF06L STP60NF06LFP STP16NF06LFP |
N-CHANNEL 60V - 0.07 ohm - 16A TO-220/TO-220FP STripFETII POWER MOSFET N沟道60V 0.07欧姆- 16A条TO-220/TO-220FP STripFET⑩二功率MOSFET N-CHANNEL 60V - 0.07 ohm - 16A TO-220/TO-220FP STripFETII POWER MOSFET N沟道60V 0.07欧姆- 16ATO-220/TO-220FP STripFET⑩二功率MOSFET N-CHANNEL 60V - 0.07 ohm - 16A TO-220/TO-220FP STripFET?/a> II POWER MOSFET N-CHANNEL 60V - 0.07 ohm - 16A TO-220/TO-220FP STripFET II POWER MOSFET N-CHANNEL 60V - 0.07 ohm - 16A TO-220/TO-220FP STripFET⑩ II POWER MOSFET N-CHANNEL 60V - 0.07 OHM - 16A TO-220 STRIPFET POWER MOSFET
|
STMicroelectronics N.V. http:// STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STP55NF06 STP55NF06FP STB55NF06 STB55NF06-1 -STP55 |
N-CHANNEL 60V - 0.015 OHM - 50A TO-220/TO-220FP/I2PAK/D2PAK STRIPFET II POWER MOSFET N-CHANNEL 60V - 0.015 ohm - 50A TO-220/TO-220FP/I PAK/D2PAK STripFET II POWER MOSFET N-CHANNEL 60V - 0.015 ohm - 50A TO-220/TO-220FP/I PAK/DPAK STripFET II POWER MOSFET N-CHANNEL 60V - 0.015 ohm - 50A TO-220/TO-220FP/I PAK/D?PAK STripFET⑩ II POWER MOSFET N-CHANNEL 60V - 0.015 ohm - 50A TO-220/TO-220FP/I PAK/D?PAK STripFETII POWER MOSFET N沟道60V 0.015欧姆- 50ATO-220/TO-220FP/I巴基斯坦/数?巴基斯坦STripFET⑩二功率MOSFET N-CHANNEL POWER MOSFET N-CHANNEL 60V - 0.015 ohm - 50A TO-220/TO-220FP/I PAK/D?PAK STripFETII POWER MOSFET N沟道60V 0.015欧姆- 50A条TO-220/TO-220FP/I巴基斯坦/数?巴基斯坦STripFET⑩二功率MOSFET N-CHANNEL 60V - 0.015 ohm - 50A TO-220/TO-220FP/I PAK/D??AK STripFET??II POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V. ST Microelectronics
|
|