PART |
Description |
Maker |
BSS119 Q67000-S007 Q67000-S063 |
SIPMOS Small-Signal Transistor (N channel Enhancement mode) 170 mA, 100 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 16 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor SIPMOS ? Small-Signal Transistor From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
FDS4435 FDS4435D84Z FDS4435F011 |
P-Channel Logic Level PowerTrenchTM MOSFET 8800 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 9000 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 8.8 A, 30 V, 0.02 ohm, P-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
SI4354DY-T1-E3 |
TRANSISTOR 9500 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, ROHS COMPLIANT, SOP-8, FET General Purpose Small Signal
|
Vishay Siliconix
|
BSP316P |
Low Voltage MOSFETs - Small Signal MOSFET, -100V, SOT-223, RDSon =1.80 SIPMOS Small-Signal-Transistor
|
INFINEON[Infineon Technologies AG]
|
BSS138 |
TRANSISTOR 220 mA, 50 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236AB, PLASTIC PACKAGE-3, FET General Purpose Small Signal
|
Vishay Semiconductors
|
SI4487DY-T1-GE3 |
TRANSISTOR 11600 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, HALOGEN FREE AND ROHS COMPLIANT, SOP-8, FET General Purpose Small Signal
|
Vishay Siliconix
|
2N5551 2N5401 2N5223 2N5232A 2N5172 2N4403 2N5550 |
Small Signal Transistors TO-92 Case (Continued) RES ARRAY 1.5K OHM 8TRM 4RES SMD Small Signal Transistors TO-92 Case (Continued) 200 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 50 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor C... http:// CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
2SK3991-ZK-E1-AZ 2SK3991-ZK-E2 2SK3991-AZ |
30000 mA, 25 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-252AA LEAD FREE, TO-252, MP-3ZK, 3 PIN 30000 mA, 25 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-251AA
|
NEC, Corp.
|
BCX23 BCX24 MM4257 2N5183 BSY62 BSX36 BSX79 BSY79 |
ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Small Signal Transistors 125 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Leaded Small Signal Transistor General Purpose 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
Central Semiconductor C... http:// Seme LAB CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
2SJ289JFTD 2SJ189-TL 2SK1839JJTL |
0.5 A, 100 V, 7.5 ohm, P-CHANNEL, Si, POWER, MOSFET PCP, SC-62, 3 PIN 4000 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-251 100 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
DOMINANT Opto Technologies Sdn. Bhd.
|
NTA4151P NTA4151PT1 NTA4151PT1G NTE4151P NTE4151PT |
Small Signal MOSFET -20 V, -760 mA, Single P-Channel Gate Zener, SC-75; Package: SC-75 (SOT-416) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 760 mA, 20 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET Small Signal MOSFET −20 V, −760 mA, Single P−Channel, Gate Zener, SC−75, SC−89
|
Rectron Semiconductor
|
|