PART |
Description |
Maker |
PS7341-1A PS7341-1A-A PS7341L-1A-E3-A PS7341L-1A-E |
6-PIN DIP, HIGH ISOLATION VOLTAGE 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET TRANSISTOR OUTPUT SOLID STATE RELAY, 3750 V ISOLATION-MAX
|
NEC
|
PS7360-1A PS7360L-1A PS7360L-1A-E3 PS7360L-1A-E4 |
6-PIN DIP / HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET 6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET 6引脚DIP,高隔离电压1通道光学耦合场效应晶体管 Solid State Relay(固态继电器)
|
NEC, Corp. NEC Corp. NEC[NEC]
|
PS2601 PS2601L PS2602 PS2602L |
HIGH ISOLATION VOLTAGE 6 PIN OPTOCOUPLER
|
California Eastern Labs
|
PS2761-1 PS2761-1-A PS2761-1-F3 PS2761-1-F3-A PS27 |
HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
|
Duracell California Eastern Laboratories California Eastern Labs
|
PS2581AL1-15 PS2581AL2 PS2581AL2-E3 PS2581AL2-E4 |
LONG CREEPAGE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
|
Renesas Electronics Corporation
|
ZSWA-4-30DR |
Circular Connector; Body Material:Aluminum; Series:PT00; No. of Contacts:55; Connector Shell Size:22; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Pin; Insert Arrangement:22-55 Switch High Isolation, SP4T, 50 DC to 3 GHz Switch High Isolation, SP4T, 50з DC to 3 GHz Switch High Isolation/ SP4T/ 50 DC to 3 GHz
|
开 MINI[Mini-Circuits]
|
PS2561L1-1-V PS2561-2 PS2561-2-V PS2561L-1- PS2561 |
High Isolation Voltage Single Transistor Type photocoupler(高隔离电压晶体管输出光电隔离 高隔离电压单晶体管类型光耦合器(高隔离电压晶体管输出光电隔离器) High Isolation Voltage Single Transistor Type Photocoupler(高隔离电压晶体管输出光光隔离器) 高隔离电压单管式光电耦合器(高隔离电压晶体管输出光光隔离器 Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Orange; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
|
NEC, Corp. NEC Corp. NEC[NEC]
|
PS2703-1-F3-A PS2703-1-F3-K-A PS2703-1-F3-L-A PS27 |
HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
|
Duracell California Eastern Labs
|
PS2703-1 PS2703-1-V PS2703-2 PS2703-2-V PS2703-4 P |
HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
|
NEC Corp. NEC[NEC]
|
PE71S5003 |
80 dB High Isolation SP4T PIN Diode Switch
|
Pasternack Enterprises, Inc...
|
AP640R6-00 |
241 GHz GaAs MMIC High Isolation SPDT Reflective PIN Switch 24-31 GHz GaAs MMIC High Isolation SPDT Reflective PIN Switch
|
Alpha Industries Inc ALPHA[Alpha Industries]
|