PART |
Description |
Maker |
R125791501 R125703001 |
ADAPTOR, SMA M-F, PUSH-ON; Connector type A:SMA Male; Connector type B:SMA Female; Impedance:50R RoHS Compliant: Yes ADAPTOR, SMA PLUG/PLUGADAPTOR, SMA PLUG/PLUG; Connector type A:SMA Plug; Connector type B:SMA Plug; Frequency, operating max:18kHz; Impedance:50R; Insulation Resistance:5000MR; Material:Stainless steel; Material, contact:Beryllium
|
RADIALL S A
|
PE7018-6 |
6 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz
|
Pasternack Enterprises,...
|
PE7336-3 |
3 dB Fixed Attenuator, SMA Male To SMA Female Directional Rated To 50 Watts Up To 18 GHz
|
Pasternack Enterprises, Inc.
|
PE7227-60 |
60 dB Fixed Attenuator, SMA Male To SMA Female Directional Rated To 100 Watts Up To 6 GHz
|
Pasternack Enterprises, Inc.
|
PE39418 |
SMA Male to SMA Female Semi-Flexible Precision Cable Using PE-SR405FL Coax, RoHS
|
Pasternack Enterprises, Inc.
|
PE7221-60 |
60 dB Fixed Attenuator, SMA Female To SMA Male Directional Rated To 100 Watts Up To 6 GHz
|
Pasternack Enterprises, Inc.
|
PE8012P |
Zero Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 10 MHz to 12.4 GHz
|
Pasternack Enterprises,...
|
PE7221-6 |
6 dB Fixed Attenuator, SMA Female To SMA Male Directional Rated To 100 Watts Up To 6 GHz
|
Pasternack Enterprises, Inc.
|
PE3102 |
CABLE ASSEMBLY RG179B/U SMA MALE TO SMA FEMALE
|
Pasternack Enterprises, Inc.
|
PE3171LF |
CABLE ASSEMBLY RG316-DS SMA MALE TO SMA FEMALE
|
Pasternack Enterprises, Inc.
|
PE3864 |
CABLE ASSEMBLY RG400/U SMA MALE TO SMA FEMALE
|
Pasternack Enterprises, Inc.
|
PE39419 |
SMA Male to SMA Female Bulkhead Semi-Flexible Precision Cable Using PE-SR405FL Coax, RoHS
|
Pasternack Enterprises, Inc.
|